Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4371 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4371 Datasheet HTML 14Page - Linear Technology LTC4371 Datasheet HTML 15Page - Linear Technology LTC4371 Datasheet HTML 16Page - Linear Technology LTC4371 Datasheet HTML 17Page - Linear Technology LTC4371 Datasheet HTML 18Page - Linear Technology LTC4371 Datasheet HTML 19Page - Linear Technology LTC4371 Datasheet HTML 20Page - Linear Technology LTC4371 Datasheet HTML 21Page - Linear Technology LTC4371 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LTC4371
20
4371f
For more information www.linear.com/LTC4371
package DescripTion
Please refer to http://www.linear.com/product/4371#packaging for the most recent package drawings.
MSOP (MS) 0213 REV F
0.53 ±0.152
(.021 ±.006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.17 –0.27
(.007 – .011)
TYP
0.86
(.034)
REF
0.50
(.0197)
BSC
1 2 3 4 5
4.90 ±0.152
(.193 ±.006)
0.497 ±0.076
(.0196 ±.003)
REF
8
9
10
7 6
3.00 ±0.102
(.118 ±.004)
(NOTE 3)
3.00 ±0.102
(.118 ±.004)
(NOTE 4)
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.254
(.010)
0° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
5.10
(.201)
MIN
3.20 – 3.45
(.126 – .136)
0.889 ±0.127
(.035 ±.005)
RECOMMENDED SOLDER PAD LAYOUT
0.305 ±0.038
(.0120 ±.0015)
TYP
0.50
(.0197)
BSC
0.1016 ±0.0508
(.004 ±.002)
MS Package
10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1661 Rev F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com