Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72681 Datasheet HTML 4Page - STMicroelectronics ST72681 Datasheet HTML 5Page - STMicroelectronics ST72681 Datasheet HTML 6Page - STMicroelectronics ST72681 Datasheet HTML 7Page - STMicroelectronics ST72681 Datasheet HTML 8Page - STMicroelectronics ST72681 Datasheet HTML 9Page - STMicroelectronics ST72681 Datasheet HTML 10Page - STMicroelectronics ST72681 Datasheet HTML 11Page - STMicroelectronics ST72681 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ST72681
8/12
4 APPLICATION SCHEMATICS
Figure 3. Application Schematic Sheet 1/2
1
2
3
4
5
6
78
A
B
C
D
8
7
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
A3
Date:
20-May-2005
Sheet
of
File:
Drawn By:
LED1
RED LED
R4
220
V33
E0 VCC
E1 nWC
E2
SCL
VSS SDA
U3
M24C32W_TSSOP8
NAND_VCC
LED2
GREEN LED
R5
220
NAND_ALE
C18
10nF
C22
470nF
NAND_ALE
NAND_WP
PE2
PE3
RESET
S1
Read Only
NAND_RnB
XT1
CRYSTAL 12MHz_M49-12.000
C21
18pF
C20
18pF
VBUS
1
D-
2
D+
3
GND
4
J1
USB CON
USB_V5
R3
11.3K 1%
C2
100nF
DM
DP
C3
100nF
C13
10nF
C14
10nF
C15
10nF
C12
10nF
C16
10nF
C17
10nF
NAND
NAND Sheet
Release 1
1B
12
PFD/Ref 1B CPU
R2
10K
R6
18K
R1
4.7K
NAND_VCC
C10
220nF
V33
V18_USB
V18_USB
V18_USB
C19
1uF
+ C8
4.7uF
NAND WP
36
READ ONLY
35
EEPROM SCL
34
VSS_2
33
VDD33_2
32
NC
31
NC
30
RESET
29
LED2
28
LED1
27
NAND ALE/EEPROM SDA
26
VSS_3
25
VDDA
1
OSCIN
2
OSCOUT
3
VSSA
4
RREF
5
VSSC
6
VDDC
7
VDD3
8
USBDP
9
USBDM
10
VSSBL
11
VDDBL
12
U2ST72
ST72681
Vin
1
INHIBIT
3
Vout
5
GND
2
BYPASS
4
U1
LD3985M33R_SOT23-5L
USB_V5
C1
10nF
V33
V33
V33
V33
V33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com