Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 2 Page - STMicroelectronics

  ST72681 Datasheet HTML 1Page - STMicroelectronics ST72681 Datasheet HTML 2Page - STMicroelectronics ST72681 Datasheet HTML 3Page - STMicroelectronics ST72681 Datasheet HTML 4Page - STMicroelectronics ST72681 Datasheet HTML 5Page - STMicroelectronics ST72681 Datasheet HTML 6Page - STMicroelectronics ST72681 Datasheet HTML 7Page - STMicroelectronics ST72681 Datasheet HTML 8Page - STMicroelectronics ST72681 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ST72681
2/12
1 INTRODUCTION
The ST72681 is a USB 2.0 high-speed Flash Drive
controller. The USB 2.0 high-speed interface in-
cluding PHY and function supports USB 2.0 Mass
Storage Device Class.
The Mass Storage Controller Interface combined
with the Reed-Solomon Encoder/Decoder on-the-
fly correction (4-byte on 512-byte data blocks) pro-
vides a flexible, high transfer rate solution for inter-
facing a wide of range NAND Flash memory de-
vice types.
The internal 60 MHz PLL driven by the 12MHz os-
cillator is used to generate the 480MHz frequency
for the USB 2.0 PHY.
The ST7 8-bit CPU runs the application program
from the internal ROM and RAM. USB data and
patch code are stored in internal RAM.
I/O ports provide functions for EEPROM connec-
tion, LEDs and write protect switch control.
The internal 3.3V to 1.8V voltage regulator pro-
vides the 1.8V supply voltage to the digital part of
the circuit.
Figure 1. Device Block Diagram
USB 2.0
USB 2.0
Function
Mass
Controller
PHY
Storage
Interface
Reed-
Solomon
Error
Correction
NAND
I/F
8-bit
CPU
ROM
RAM
3.3V to 1.8V
Regulator
GPIO
12 MHz
OSC
Voltage
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com