Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72681 Datasheet HTML 1Page - STMicroelectronics ST72681 Datasheet HTML 2Page - STMicroelectronics ST72681 Datasheet HTML 3Page - STMicroelectronics ST72681 Datasheet HTML 4Page - STMicroelectronics ST72681 Datasheet HTML 5Page - STMicroelectronics ST72681 Datasheet HTML 6Page - STMicroelectronics ST72681 Datasheet HTML 7Page - STMicroelectronics ST72681 Datasheet HTML 8Page - STMicroelectronics ST72681 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ST72681
5/12
PIN DESCRIPTION (Cont’d)
Table 3. USB 2.0 Interface
Table 4. USB 2.0 and core Clock System
Pin
Pin Name
Description
12
VDDBL
S
Supply voltage for buffers and deserialisation flip flops (1.8V)
11
VSSBL
S
Ground for buffers and deserialisation flip flops (1.8V)
10
USBDM
I/O USB2 DATA -
9
USBDP
I/O USB2 DATA +
8
VDD3
S
Supply voltage for the FS compliance (3.3V)
7
VDDC
S
Supply voltage for DLL & xor tree (1.8V)
6
VSSC
S
Ground for DLL & XOR tree (1.8V)
5
RREF
I/O Ref. resistor for integrated impedance process adaptation (11.3 kOhms 1% Pull Down)
Pin
Pin Name
Description
4
VSSA
S
Ground for osc & PLL (1.8V)
3
OSCOUT
O
12MHz oscillator output
2
OSCIN
I
12MHz oscillator input
1
VDDA
S
Supply voltage for osc & PLL (1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com