Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 4 Page - STMicroelectronics

  ST72681 Datasheet HTML 1Page - STMicroelectronics ST72681 Datasheet HTML 2Page - STMicroelectronics ST72681 Datasheet HTML 3Page - STMicroelectronics ST72681 Datasheet HTML 4Page - STMicroelectronics ST72681 Datasheet HTML 5Page - STMicroelectronics ST72681 Datasheet HTML 6Page - STMicroelectronics ST72681 Datasheet HTML 7Page - STMicroelectronics ST72681 Datasheet HTML 8Page - STMicroelectronics ST72681 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ST72681
4/12
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations for tables:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: CT = CMOS 0.3VDD/0.7VDD with input trigger
TT= TTL 0.8V / 2V with Schmitt trigger
Output level:
D8 = 8mA drive
D4 = 4mA drive
D2 = 2mA drive
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, wpd = weak pull-down, int = interrupt
– Output:
OD = pseudo open drain, PP = push-pull
The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is
in reset state.
Table 1. Power Supply
Table 2. Control & System
Pin
Pin Name
Description
48
VSS_1
S
Ground
47
VDD33_1
S
IOs and Regulator supply voltage
33
VSS_2
S
Ground
32
VDD33_2
S
IOs and Regulator supply voltage
25
VSS_3
S
Ground
24
VDD33_3
S
IOs and Regulator supply voltage
14
VSS_4
S
Ground
15
VDD33_4
S
IOs and Regulator supply voltage
13
VDDOUSB
S
USB2 PHY, OSC and PLL power supply output (1.8V)
Pin
Pin Name
Level
Description
29
RESET
I/O 3.3 CT
Reset input with filter with internal pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com