Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4091 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 9Page - Linear Technology LTC4091 Datasheet HTML 10Page - Linear Technology LTC4091 Datasheet HTML 11Page - Linear Technology LTC4091 Datasheet HTML 12Page - Linear Technology LTC4091 Datasheet HTML 13Page - Linear Technology LTC4091 Datasheet HTML 14Page - Linear Technology LTC4091 Datasheet HTML 15Page - Linear Technology LTC4091 Datasheet HTML 16Page - Linear Technology LTC4091 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC4091
13
4091fa
For more information www.linear.com/LTC4091
OPERATION
Programming Charge Current
The formula for the battery charge current is:
ICHG =IPROG •52,500 =
VPROG
RPROG
•52,500
where VPROG is the PROG pin voltage and RPROG is the
total resistance from the PROG pin to ground.
For example, if typical 500mA charge current is required,
calculate:
RPROG =
1V
500mA
•52,500 = 105k
For best stability over temperature and time, 1% metal film
resistors are recommended. Under trickle charge condi-
tions, this current is reduced to 10% of the full-scale value.
The Charge Timer
The programmable charge timer is used to terminate the
charge cycle. The timer duration is programmed by an
external capacitor at the TIMER pin. The charge time is
typically:
tTIMER(hours)=CTIMER (F)•RPROG (Ω)•300
The timer starts when an input voltage is applied or when
leavingshutdownandthevoltageonthebatteryislessthan
the recharge threshold. At power-up or exiting shutdown
with the battery voltage less than the recharge threshold
the charge time is a full cycle. If the battery is greater than
therechargethresholdthetimerwillnotstartandcharging
is prevented. If after power-up the battery voltage drops
below the recharge threshold, or if after a charge cycle
the battery voltage is still below the recharge threshold,
the charge time is set to one-half of a full cycle.
The LTC4091 has a feature that extends charge time auto-
matically. Charge time is extended if the charge current in
constantcurrentmodeisreducedduetothermalregulation.
This change in charge time is inversely proportional to the
change in charge current. As the LTC4091 approaches
constant voltage mode the charge current begins to drop.
This change in charge current is due to normal charging
operation and does not affect the timer duration.
Once a time-out occurs and the voltage on the battery is
greater than the recharge threshold, the charge current
stops, and the CHRG output assumes a high impedance
state if it has not already done so.
Connecting the TIMER pin to ground disables the battery
charger.
CHRG Status Output Pin
When the charge cycle starts, the CHRG pin is pulled to
groundbyaninternalN-channelMOSFETcapableofdriving
an LED. When the charge current drops below 10% of the
programmed full charge current while in constant voltage
mode,thepinassumesahighimpedancestate,butcharge
current continues to flow until the charge time elapses. If
this state is not reached before the end of the program-
mable charge time, the pin will assume a high impedance
state when a time-out occurs. The CHRG current detection
threshold can be calculated by the following equation:
IDETECT =
0.1V
RPROG
•52,500 =
5250V
RPROG
For example, if the full charge current is programmed
to 500mA with a 105k PROG resistor the CHRG pin will
change state at a battery charge current of 50mA.
Note: The end-of-charge (EOC) comparator that monitors
the charge current latches its decision. Therefore, the
first time the charge current drops below 10% of the
programmed full charge current while in constant voltage
mode, it will toggle CHRG to a high impedance state. If,
for some reason the charge current rises back above the
threshold, the CHRG pin will not resume the strong pull-
down state. The EOC latch can be reset by a recharge cycle
(i.e., VBAT drops below the recharge threshold).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com