Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4091 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 17Page - Linear Technology LTC4091 Datasheet HTML 18Page - Linear Technology LTC4091 Datasheet HTML 19Page - Linear Technology LTC4091 Datasheet HTML 20Page - Linear Technology LTC4091 Datasheet HTML 21Page - Linear Technology LTC4091 Datasheet HTML 22Page - Linear Technology LTC4091 Datasheet HTML 23Page - Linear Technology LTC4091 Datasheet HTML 24Page - Linear Technology LTC4091 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC4091
21
4091fa
For more information www.linear.com/LTC4091
The trip points for the LTC4091’s temperature qualifica-
tion are internally programmed at 0.29 • VNTC for the hot
threshold and 0.74 • VNTC for the cold threshold.
Therefore, the hot trip point is set when:
RNTC|HOT
RNOM+RNTC|HOT
• VNTC = 0.29• VNTC
and the cold trip point is set when:
RNTC|COLD
RNOM+RNTC|COLD
• VNTC = 0.74• VNTC
SolvingtheseequationsforRNTC|COLDandRNTC|HOTresults
in the following:
RNTC|HOT = 0.409 • RNOM
and
RNTC|COLD = 2.815 • RNOM
By setting RNOM equal to R25C,theaboveequationsresult
inrHOT=0.409andrCOLD=2.815.Referencingtheseratios
to the Vishay Resistance-Temperature Curve 2 chart gives
a hot trip point of about 50°C and a cold trip point of about
0°C. The difference between the hot and cold trip points
is approximately 50°C.
By using a bias resistor, RNOM, different in value from
R25C, the hot and cold trip points can be moved in either
direction.Thetemperaturespanwillchangesomewhatdue
to the nonlinear behavior of the thermistor. The following
equations can be used to easily calculate a new value for
the bias resistor:
RNOM=
rHOT
0.409
•R25C
RNOM=
rCOLD
2.815
•R25C
where rHOT and rCOLD are the resistance ratios at the de-
sired hot and cold trip points. Note that these equations
are linked. Therefore, only one of the two trip points can
be chosen, the other is determined by the default ratios
designed in the IC. Consider an example where a 40°C
hot trip point is desired.
FromtheVishayCurve2R-Tcharacteristics,rHOTis0.5758
at 40°C. Using the above equation, RNOM should be set to
14k. With this value of RNOM, the cold trip point is about
–7°C. Notice that the span is now 47°C rather than the
previous 50°C. This is due to the increase in temperature
gain of the thermistor as absolute temperature decreases.
The upper and lower temperature trip points can be in-
dependently programmed by using an additional dilution
resistor as shown in Figure 9. The following formulas can
be used to compute the values of RNOM and R1:
RNOM=
rCOLD–rHOT
2.815
•R25C
R1= 0.409•RNOM–rHOT •R25C
For example, to set the trip points to –5°C and 55°C with
a Vishay Curve 2 thermistor choose
RNOM=
3.532– 0.3467
2.815– 0.409
•10k = 13.2k
APPLICATIONS INFORMATION
–
+
–
+
RNOM
13.2k
RNTC
10k
R1
1.97k
NTC
VNTC
6
0.1V
NTC_ENABLE
4091 F10
TOO_COLD
TOO_HOT
0.738 • VNTC
0.29 • VNTC
–
+
5
NTC BLOCK
Figure 9. NTC Thermistor Circuit with Additional Dilution
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com