Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4091 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 16Page - Linear Technology LTC4091 Datasheet HTML 17Page - Linear Technology LTC4091 Datasheet HTML 18Page - Linear Technology LTC4091 Datasheet HTML 19Page - Linear Technology LTC4091 Datasheet HTML 20Page - Linear Technology LTC4091 Datasheet HTML 21Page - Linear Technology LTC4091 Datasheet HTML 22Page - Linear Technology LTC4091 Datasheet HTML 23Page - Linear Technology LTC4091 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTC4091
20
4091fa
For more information www.linear.com/LTC4091
When using the SYNC function, there is the potential for
inductor current runaway during short-circuit or overload
conditions, if the following condition is violated:
fSW(MAX) =
VD+ VOUT
tON(MIN) VD+ VIN – VSW
(
)
where VIN(MAX) is the maximum operating input voltage,
VHVOUT is the switching regulator output voltage, VD is the
catch diode drop (~0.5V), VSW is the internal switch drop
(~0.5V at max load), fSW is the synchronized switching
frequency, and tON(MIN) is the minimum switch on time
(~100ns).Obviously,withashortedoutput,itisnotdifficult
to violate this condition.
Alternate NTC Thermistors and Biasing
The LTC4091 provides temperature qualified charging if
a grounded thermistor and a bias resistor are connected
to NTC (see Figure 8). By using a bias resistor whose
value is equal to the room temperature resistance of the
thermistor (R25C) the upper and lower temperatures are
pre-programmed to approximately 50°C and 0°C, respec-
tively (assuming a Vishay Curve 2 thermistor).
APPLICATIONS INFORMATION
–
+
–
+
RNOM
10k
RNTC
10k
NTC
VNTC
6
0.1V
NTC_ENABLE
4091 F09
NTC BLOCK
TOO_COLD
TOO_HOT
0.738 • VNTC
0.29 • VNTC
–
+
5
The upper and lower temperature thresholds can be ad-
justed by either a modification of the bias resistor value
or by adding a second adjustment resistor to the circuit.
If only the bias resistor is adjusted, then either the upper
or the lower threshold can be modified but not both. The
other trip point will be determined by the characteristics
of the thermistor. Using the bias resistor in addition to an
adjustmentresistor,boththeupperandthelowertempera-
ture trip points can be independently programmed with
the constraint that the difference between the upper and
lower temperature thresholds cannot decrease. Examples
of each technique are given below.
NTC thermistors have temperature characteristics which
areindicatedonresistance-temperatureconversiontables.
The Vishay-Dale thermistor NTHS0603N02N1002J, used
in the following examples, has a nominal value of 10k
and follows the Vishay Curve 2 resistance-temperature
characteristic. The LTC4091 trip points were designed
to work with thermistors whose resistance-temperature
characteristics follow Vishay Dale’s R-T Curve 2. The
Vishay NTHS0603N02N1002J is an example of such a
thermistor. However, Vishay Dale has many thermistor
products that follow the R-T Curve 2 characteristic in a
variety of sizes. Furthermore, any thermistor whose ratio
of RCOLD to RHOT is about 7.0 will also work (Vishay Dale
R-T Curve 2 shows a ratio of 2.815 / 0.409 = 6.89).
In the explanation below, the following notation is used.
R25C = Value of the Thermistor at 25°C
RNTC|COLD = Value of Thermistor at the Cold Trip Point
RNTC|HOT = Value of the Thermistor at the Hot Trip Point
rcold = Ratio of RNTC|COLD to R25C
rHOT= Ratio of RNTC|HOT to R25C
RNOM=PrimaryThermistorBiasResistor(seeFigure9)
R1 = Optional Temperature Range Adjustment Resistor
(see Figure 9)
Figure 8. Typical NTC Thermistor Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com