Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4091 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 2 Page - Linear Technology

  LTC4091 Datasheet HTML 1Page - Linear Technology LTC4091 Datasheet HTML 2Page - Linear Technology LTC4091 Datasheet HTML 3Page - Linear Technology LTC4091 Datasheet HTML 4Page - Linear Technology LTC4091 Datasheet HTML 5Page - Linear Technology LTC4091 Datasheet HTML 6Page - Linear Technology LTC4091 Datasheet HTML 7Page - Linear Technology LTC4091 Datasheet HTML 8Page - Linear Technology LTC4091 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC4091
2
4091fa
For more information www.linear.com/LTC4091
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2, 3, 4)
22
21
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
RUN/SS
VIN
SW
BOOST
HVOUT
TIMER
NC
GND
V4P1
OUT
BAT
TOP VIEW
23
GND
DJC PACKAGE
22-LEAD (6mm
× 3mm) PLASTIC DFN
SYNC
VINGD
RT
VC
NTC
VNTC
HVPR
CHRG
PROG
GATE
BAT
TJMAX = 125°C, θJA = 31.8°C/W
EXPOSED PAD (PIN 23) IS GND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4091EDJC#PBF
LTC4091EDJC#TRPBF
4091
22-Lead (6mm × 3mm) Plastic DFN
–40°C to 125°C
LTC4091IDJC#PBF
LTC4091IDJC#TRPBF
4091
22-Lead (6mm × 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
VIN, RUN/SS (Note 7) ...............................................60V
BOOST ......................................................................56V
BOOST Above SW.....................................................30V
VINGD, SYNC............................................................30V
OUT, HVOUT
t < 1ms and Duty Cycle < 1%................... –0.3V to 7V
Steady State ............................................ –0.3V to 6V
BAT, V4P1, VC, CHRG, HVPR........................ –0.3V to 6V
NTC, TIMER, PROG..........................–0.3V to VCC + 0.3V
IOUT, IBAT.....................................................................4A
Operating Junction Temperature
Range..................................................... –40°C to 125°C
Storage Temperature Range ......................–65 to 150°C
ORDER INFORMATION http://www.linear.com/product/LTC4091#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com