Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6950 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6950
Description  1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6950 Datasheet(HTML) 1 Page - Linear Technology

  LTC6950 Datasheet HTML 1Page - Linear Technology LTC6950 Datasheet HTML 2Page - Linear Technology LTC6950 Datasheet HTML 3Page - Linear Technology LTC6950 Datasheet HTML 4Page - Linear Technology LTC6950 Datasheet HTML 5Page - Linear Technology LTC6950 Datasheet HTML 6Page - Linear Technology LTC6950 Datasheet HTML 7Page - Linear Technology LTC6950 Datasheet HTML 8Page - Linear Technology LTC6950 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
dc1795af
DEMO MANUAL DC1795A
Description
LTC6950
1.4GHz Low Phase Noise, Low Jitter PLL
with Clock Distribution
Demonstration circuit 1795A features the LTC®6950, a
1.4GHz low phase noise, low jitter PLL with clock dis-
tribution.
For ease of use, the DC1795A comes installed with a
100MHz reference and a 1GHz VCSO, voltage controlled
SAW oscillator with sine wave output. All differential
inputs and outputs have 0.5" spaced SMA connectors.
The DC1795A has four AC coupled LVPECL outputs with
50Ω transmission lines making them suitable to drive
50Ω impedance instruments. The LVDS/CMOS output is
DC coupled. The LTC6950’s EZSync™ function is made
available via a turret and an SMA connector.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and EZSync
and ClockWizard are trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
For the evaluation of the LTC6950 with other VCOs and
references,theDC1795Acanbemodifiedtoaccommodate
different on-board or external components. It also allows
the user the option of a passive or active loop filter.
A DC590 USB serial controller board is used for SPI com-
munication with the LTC6950, controlled by the supplied
ClockWizard™ software.
Design files for this circuit board are available at
http://www.linear.com/demo/DC1795A
Figure 1. DC1795A Connections
Ribbon
cable
connection
to DC590
LVDS/CMOS
DC-coupled
Outputs, SMA
PECL0
AC Coupled
Outputs, SMA
Frequency Reference
Input, SMA
PECL1
AC Coupled
Outputs, SMA
PECL2
AC Coupled
Outputs, SMA
PECL3
AC Coupled
Outputs, SMA
5V DC Supply,
BNC & turret
3.3V DC Supply,
BNC & turret
5V U4 (VCXO) DC
Supply, turret
U3 (VCO) DC
Supply, turret
External VCO
Input, SMA
External VCO Charge
Pump Output, SMA
and turret
Active Loop Filter
Op-amp (U2) DC
Supply, turret
EZSyncTM
SYNC Input,
SMA & turret
Stat Outputs,
turrets


Similar Part No. - LTC6950

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695 LINER-LTC695 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
223Kb / 18P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
270Kb / 20P
Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3 Datasheet
148Kb / 16P
3.3V Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
3.3V Microprocessor Supervisory Circuits
More results

Similar Description - LTC6950

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-15 PLL-PLL601-15 Datasheet
83Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
Low Phase Noise PLL Clock Multiplier
PLL601-03 PLL-PLL601-03 Datasheet
85Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
QUARTZCOM the communica...
PXO-P9-3PEH-6J QUARTZCOM-PXO-P9-3PEH-6J Datasheet
112Kb / 1P
Low jitter LVPECL SMD Clock Oscillator Low phase noise
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
Patented PLL with low phase noise
logo
Texas Instruments
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
Low-Noise Clock Jitter Cleaner
logo
Abracon Corporation
ABCDM-XX-YYYMHZ ABRACON-ABCDM-XX-YYYMHZ Datasheet
4Mb / 4P
Low Jitter - Octal Clock Distribution Module
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com