Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6950 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6950
Description  1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6950 Datasheet(HTML) 5 Page - Linear Technology

  LTC6950 Datasheet HTML 1Page - Linear Technology LTC6950 Datasheet HTML 2Page - Linear Technology LTC6950 Datasheet HTML 3Page - Linear Technology LTC6950 Datasheet HTML 4Page - Linear Technology LTC6950 Datasheet HTML 5Page - Linear Technology LTC6950 Datasheet HTML 6Page - Linear Technology LTC6950 Datasheet HTML 7Page - Linear Technology LTC6950 Datasheet HTML 8Page - Linear Technology LTC6950 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
dc1795af
DEMO MANUAL DC1795A
Dc1795a reconfiguration
reFerenCe oPtions
Table 1 details the available reference options and board
modifications for each available option. The CLKSET files
described above assume the noise profile of the default
reference. If a different reference is used, change the
reference noise profile in ClockWizard before simulating
the LTC6950 under the Loop Design tab.
VCo inPut oPtions
Table 2 describes the available VCO input options. Board
modifications and power requirements for each option are
also provided in Table 2. There are two different oscillator
footprints on the board: U3, which accommodates the
popular0.5"×0.5"package,andU4,whichaccommodates
another common 14mm × 9mm package with four or six
pins. U4 also accommodates the smaller 5mm × 7.5mm
package. An external connectorized VCO can also drive the
LTC6950 through SMA connector J15. The CLKSET files
described above assume the noise profile for the default
VCO. If a different VCO is used, change the VCO noise
profile in ClockWizard before simulating the LTC6950
under the Loop Design tab.
CloCk FolloWer
WhenusingtheLTC6950asaclockfollowertheLTC6950’s
PLL circuitry can be powered down by setting the PDPLL
bit in ClockWizard. This will reduce the LTC6950’s overall
power consumption. Table 2 describes how to reconfigure
the board for a differential external input when using the
LTC6950 as a clock follower. Refer to the EZSync Function
section and to the data sheet for more details on using
the LTC6950 as a clock follower.
looP Filter Design AnD instAllAtion
Tables 3, 4 and 5 cross reference the loop filter options
showninClockWizard’sLoopDesigntabwiththeDC1795A
component reference designators. Table 3 is dedicated to
thedefaultoscillator,componentU4.Table4isdedicatedto
anothercommonoscillatorfootprint,componentU3.Table5
can be used with external oscillators. Use ClockWizard to
select, design and simulate different loop filters.
Some VCO tuning voltage ranges are greater than the
LTC6950chargepumpvoltagerange(refertotheLTC6950
data sheet). In such cases, an active loop filter using an
op amp can deliver the required tuning voltage. When
satisfied with the loop filter design, use Tables 3, 4 and 5
to help identify which components should be modified.
The loop filter components are located on the bottom side
of the DC1795A.
table 1. reference options and board Modifications
DeFAult
oPtion
reFerenCe
oPtion
instAll
DePoPulAte
ltC6950 PerForMAnCe
CoMMents
l
On-Board
NA
NA
Limited by on board reference at
frequency offsets <10kHz
U9 can accommodate any 5mm × 7.5mm or
9mm × 14mm oscillator package
External
C67
0402 0.1µF
R73, C71
Best performance when using an
ultralow noise external reference
For improved performance connect J4 to a very low
noise reference, such as the Wenzel 501-04517D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com