Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6950 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6950
Description  1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6950 Datasheet(HTML) 2 Page - Linear Technology

  LTC6950 Datasheet HTML 1Page - Linear Technology LTC6950 Datasheet HTML 2Page - Linear Technology LTC6950 Datasheet HTML 3Page - Linear Technology LTC6950 Datasheet HTML 4Page - Linear Technology LTC6950 Datasheet HTML 5Page - Linear Technology LTC6950 Datasheet HTML 6Page - Linear Technology LTC6950 Datasheet HTML 7Page - Linear Technology LTC6950 Datasheet HTML 8Page - Linear Technology LTC6950 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
dc1795af
DEMO MANUAL DC1795A
Quick start proceDure
The DC1795A is easy to set up to evaluate the performance
of the LTC6950. Follow the procedure below.
The DC590 and ClockWizard application are required to
control the DC1795A through a personal computer (PC).
DC590 ConFigurAtion
Place the DC590 jumpers in the following positions (refer
to Figure 2):
JP4: EE - Must be in the EN position.
JP5: ISO - ON must be selected.
JP5: SW - ON must be selected.
JP6: VCCIO - 3.3V or 5V must be selected. This sets
the SPI port to 3.3V or 5V operation. 3.3V operation is
recommended.
Connect the DC590 to one of your computer’s USB ports
with the included USB cable.
CloCkWizArD instAllAtion
The ClockWizard software is used to communicate with
the LTC6950. It uses the DC590 to translate between USB
andSPI-compatibleserialcommunicationsformats.Italso
includesadvancedPLLdesignandsimulationcapabilities.
The following are the ClockWizard system requirements:
• Windows Operating System: Windows XP, Windows
2003 Server, Windows Vista, Windows 7
• Microsoft .NET 3.5 SP1 or later
• Windows Installer 3.1 or later
• Linear Technology’s DC590 hardware
Figure 2. DC590 Jumper and Connector locations
 
 
JP6 
jumpers 
J4, ribbon 
cable 
connection 
to the 
DC1795 
JP5 jumpers 
JP4 
jumper 
J3, USB 
connection 
to PC 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com