Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6950 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6950
Description  1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6950 Datasheet(HTML) 3 Page - Linear Technology

  LTC6950 Datasheet HTML 1Page - Linear Technology LTC6950 Datasheet HTML 2Page - Linear Technology LTC6950 Datasheet HTML 3Page - Linear Technology LTC6950 Datasheet HTML 4Page - Linear Technology LTC6950 Datasheet HTML 5Page - Linear Technology LTC6950 Datasheet HTML 6Page - Linear Technology LTC6950 Datasheet HTML 7Page - Linear Technology LTC6950 Datasheet HTML 8Page - Linear Technology LTC6950 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
dc1795af
DEMO MANUAL DC1795A
Quick start proceDure
Download the ClockWizard setup file at www.linear.com/
ClockWizard.
Run the ClockWizard setup file and follow the instructions
given on the screen. The setup file will verify and/or install
Microsoft .NET and install the ClockWizard. Refer to the
Help menu for software operation.
DC1795A ConFigurAtion
1. Connect the GND, V+ = 3.15V to 3.45V, V+ to 5.25V and
V+ VCXO turrets to a power supply and apply power
(see Figure 1 and the Typical DC1795A Requirements
and Characteristics table).
2. Connect the DC590 to the DC1795A with the provided
ribbon cable.
3. Run the ClockWizard application.
4. In ClockWizard, click File > Load Settings and point to
the “LTC6950_PECL0_250MHz.clkset” file.
The green “STAT1” LED on the DC1795A should turn on
and the “STAT2” LED should turn off indicating that the
loop is locked at 1000MHz. A 250MHz signal should be
present on the PECL0 outputs.
Be sure to power down or terminate any unused RF output
with 50Ω, or poor spurious performance may result.
Figure 3. ClockWizard screenshot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com