Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601EF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4601EF
Description  Buck-Boost White LED Driver For TV Backlighting Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601EF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4601EF Datasheet HTML 1Page - Monolithic Power Systems MP4601EF Datasheet HTML 2Page - Monolithic Power Systems MP4601EF Datasheet HTML 3Page - Monolithic Power Systems MP4601EF Datasheet HTML 4Page - Monolithic Power Systems MP4601EF Datasheet HTML 5Page - Monolithic Power Systems MP4601EF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV4601EF-00A – EVB DESCRIPTION
EV4601EF-00A Rev.1.0
www.MonolithicPower.com
2
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
DIM
VIN
LED-
EN
GND
7
4
2
10
13
16
8
5
6
1
3
9
12
11
15
14
FST
EN
SYN
FB
DGD
VSS
BST
DIM
VIN
OCP
OVP
SW
INGND
FAULT
COMP
SLOPE
MP4601
U1
SYN
LED+
FAULT
100k
R1
100
R3
10k
R11
NC
R13
0
R2
1M
R5
NC
C7
22pF
C3
10nF
C6
C1
Vin
2k
R10
10k
R6
10k
R9
10k
R12
100k
R17
D1
B290
20k
R14
C5
Boost
Vin
NC
C4
NC
R8
10k
R7
C2
VSS
VSS
4
1, 2, 3
5, 6, 7, 8
Q1
3.32
R18
3.32
R19
1
2
L1
360k
R16
178k
R15
5.1k
R4
EV4601EF-00A BILL OF MATERIALS
Qty Ref
Value
Description
Package
Manufacturer Part Number
1
C1
0.1μF
Ceramic
Capacitor;50V;X7R;0603
0603
muRata
GRM188R71H104KA93D
1
C2
2.2μF
Ceramic
Capacitor;100V;X7R;1210
1210
muRata
GRM32ER72A225KA35L
1
C3
22pF
Ceramic
Capacitor;50V;NPO;0603
0603
LION
0603N220J500T
1
C4
NC
Ceramic
Capacitor;100V;X7R;1210
1210
muRata
1
C5 2.2μF/100V
Ceramic
Capacitor;100V;X7R;1210
1210
muRata
GRM32ER72A225KA35L
1
C6
10nF
Ceramic
Capacitor;50V;X7R;0603
0603
muRata
GRM188R71H103KA01D
1
C7
NC
Ceramic
Capacitor;25V;C0G;0603
0603
muRata
1
D1
B290
Schottky Diode;90V;2A
SMB
Diodes
B290-F
1
L1
100μH
Inductor;100uH;255mOhm;1.2A
SMD
Wurth
744066101
1
Q1 SMK0260D N-Channel Mosfet;600V, 2A
DPAK(TO-
252)
AUK
SMK0260D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com