Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601EF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4601EF
Description  Buck-Boost White LED Driver For TV Backlighting Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601EF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4601EF Datasheet HTML 1Page - Monolithic Power Systems MP4601EF Datasheet HTML 2Page - Monolithic Power Systems MP4601EF Datasheet HTML 3Page - Monolithic Power Systems MP4601EF Datasheet HTML 4Page - Monolithic Power Systems MP4601EF Datasheet HTML 5Page - Monolithic Power Systems MP4601EF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV4601EF-00A
Buck-Boost White LED Driver
For TV Backlighting Applications
EV4601EF-00A Rev.1.0
www.MonolithicPower.com
1
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV4601EF-00A
Evaluation
Board
is
designed to demonstrate the capabilities of
MPS’
MP4601EF
for
TV
backlighting
applications. MP4601 is an integrated Buck-
Boost white LED driver which is suitable for TV
and big panel backlighting applications with
MPS patented pending technology.
With a 12V input VIN and a high voltage source
VINH, EV4601EF-00A can deliver a regulated
voltage (VINH to VINH+60V) to drive a LED string
over 350V. The LED current is regulated to
about 120mA. The EV4601EF-00A can be
synchronized. Several EV4601EF-00As can be
used together to drive a TV panel
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
12±10%
V
Enable
EN
5±10%
V
Dimming
DIM
5±10%
V
LED Current
ILED
120±5%
mA
Switching Frequency
fs
300
kHz
Over
Voltage
Protection
VLED-Max
-63
V
FEATURES
• Novel Power Leverage Control Technology
• Negative Output Buck-Boost Operation
• Switching Frequency Synchronization
• Analog and PWM Dimming Control
• Programmable Cycle-by-Cycle Over Current
Protection
• Thermal Shutdown Protection
• LED Short and Open Protection
• Fault Output for Short LED Protection
• Output Short Circuit Protection
APPLICATIONS
• TV Backlighting
• Large LCD Panels Backlighting
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV4601EF-00A EVALUATION BOARD
(L x W x H) 5cm x 5cm x 4.5mm
Board Number
MPS IC Number
EV4601EF-00A
MP4601EF
VINH (V)
Efficiency vs. VINH
93.00
94.00
95.00
96.00
97.00
98.00
99.00
100.00
120 130 140 150 160 170 180


Similar Part No. - MP4601EF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4601EF MPS-MP4601EF Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
More results

Similar Description - MP4601EF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
4ch White LED Driver with Buck-Boost
logo
Monolithic Power System...
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
Boost White LED Driver For TV Backlighting Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com