Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601EF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4601EF
Description  Buck-Boost White LED Driver For TV Backlighting Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601EF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4601EF Datasheet HTML 1Page - Monolithic Power Systems MP4601EF Datasheet HTML 2Page - Monolithic Power Systems MP4601EF Datasheet HTML 3Page - Monolithic Power Systems MP4601EF Datasheet HTML 4Page - Monolithic Power Systems MP4601EF Datasheet HTML 5Page - Monolithic Power Systems MP4601EF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV4601EF-00A – EVB DESCRIPTION
EV4601EF-00A Rev.1.0
www.MonolithicPower.com
3
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV4601EF-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer Part Number
2
R1,R17
100k
Film Resistor;1%
0603
Yageo
RC0603FR-07100KL
1
R2
0
Film Resistor;5%
0603
Yageo
RC0603JR-070RL
1
R3
100
Film Resistor;1%
0603
Yageo
RC0603FR-07100RL
1
R4
5.1k
Film Resistor;1%
0603
Yageo
RC0603FR-075K1L
1
R5
1M
Film Resistor;1%
0603
Yageo
RC0603FR-071ML
5
R6, R7,
R9, R11,
R12
10k
Film Resistor;1%
0603
Yageo
RC0603FR-0710KL
2
R8, R13
NC
Film Resistor;1%
0603
Yageo
1
R10
2k
Film Resistor;1%
0603
Yageo
RC0603FR-072KL
1
R14
20k
Film Resistor;1%
0603
Yageo
RC0603FR-0720KL
1
R15
178k
Film Resistor;1%
0603
Yageo
RC0603FR-07178KL
1
R16
360k
Film Resistor;1%
0603
Yageo
RC0603FR-07360KL
2
R18,
R19
3.32
Film Resistor;1%
0603
Yageo
RC0603FR-073R32L
1
U1
MP4601EF MP4601EF
TSSOP16/
EP
MPS
EXAMPLE OF TV BACKLIGHT DRIVE WITH SEVERAL EV4601EF-00A
VINH
VIN 12V
DC
Supply
LED+
LED 1-
EVB1
Fault
VIN
SYNC
DIM
EN
GND
+
150V
-
+
3-60V
-
LED 2-
EVB2
Fault
VIN
SYNC
DIM
EN
GND
+
150V
-
+
3-60V
-
LED n-
EVBn
Fault
VIN
SYNC
DIM
EN
GND
+
150V
-
+
3-60V
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com