Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601EF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4601EF
Description  Buck-Boost White LED Driver For TV Backlighting Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601EF Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP4601EF Datasheet HTML 1Page - Monolithic Power Systems MP4601EF Datasheet HTML 2Page - Monolithic Power Systems MP4601EF Datasheet HTML 3Page - Monolithic Power Systems MP4601EF Datasheet HTML 4Page - Monolithic Power Systems MP4601EF Datasheet HTML 5Page - Monolithic Power Systems MP4601EF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV4601EF-00A – EVB DESCRIPTION
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV4601EF-00A Rev.1.0
www.MonolithicPower.com
6
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited
.
© 2011 MPS. All Rights Reserved.
QUICK START GUIDE
1. Check the LED string voltage and preset the high voltage power supply’s output. For example,
60 LED string needs 180V. Set the high voltage power supply output VINH as 150V.
2. Set a second power supply VIN to 12V as the input of all the EVBs. Set a third power supply to
5V as the EN input to all the EVBs, Set a fourth power supply to 5V as the DIM input of all EVBs.
3. Turn-off all power supplies.
4. Connect the positive terminal of the high voltage power supply to all the anodes of the LED
strings, and the negative terminal to all the EVB GND connector.
5. Connect each LED string cathode to the LED- connector on one EVB individually (one EVB for
one LED string).
6. Connect VIN (12V) the positive terminal to all the EVB VIN connectors and the negative terminal
to all the EVB GND connectors.
7. Connect the 5V DIM power supply positive terminal to all the EVB DIM connectors, and
negative terminal to all the EVB GND connectors.
8. Connect the 5V EN power supply positive terminal to all the EVB EN connectors, and negative
terminal to all the EVB GND connectors.
9. Connect all SYNC pin of all EVBs together for synchronization if necessary.
10. Turn on the high voltage power supply.
11. Turn on the 12V power supply.
12. Turn on the 5V DIM power supply.
13. Turn on the 5V EN power supply. All the LED strings should be lighted.
14. To demo the dimming function: replace the 5V power supply with a function generator. Set the
PWM signal amplitude to 5V and the frequency within 100Hz to 20kHz range. For analog
dimming, adjust the power supply on DIM connector from 1.4V to 3V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com