Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5416-R-00B Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # EV5416-R-00B
Description  5V Power Management IC Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5416-R-00B Datasheet(HTML) 2 Page - Monolithic Power Systems

  EV5416-R-00B Datasheet HTML 1Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 2Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 3Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 4Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 5Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 6Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV5416-R-00B 5V POWER MANAGEMENT IC EVALUATION BOARD
EV5416-R-00B Rev.1.1
www.MonolithicPower.com
2
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EV5416-R-00B EVALUATION BOARD
(L X W ) 9.4CM X 8.6CM
Board Number
MPS IC Number
EV5416-R-00B
MP5416GR-0001
40
50
60
70
80
90
100
0.01
0.10
1.00
10.00
OTP-EFUSE SELECTED TABLE BY DEFAULT
OTP Items
Buck 1
Buck 2
Buck 3
Buck 4
LDORTC
LDO2
LDO3
LDO4
LDO5
Output Voltage
1.2V
1.5V
1.8V
3.3V
3.2V
3.3V
3.3V
1.1V
1.8V
Initial On/Off
On
On
On
On
On
On
Off
On
On
Mode
FPWM
PFM
FPWM
FPWM
N/A
Power-On Delay/Time Slot #
2ms/1
4ms/2
4ms/2
0ms/0
Always on
4ms/2
6ms/3
2ms/1
4ms/2
Automatic Turn-On
Yes
Switching Frequency
1.5MHz
Push-Button Timer
2 seconds
RSTO Delay
10ms
Buck 1 Peak Current Limit
6.8A
Buck 3 Peak Current Limit
5.6A
I
2C Slave Address
0x69
OTP Version
0100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com