Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5416-R-00B Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EV5416-R-00B
Description  5V Power Management IC Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5416-R-00B Datasheet(HTML) 1 Page - Monolithic Power Systems

  EV5416-R-00B Datasheet HTML 1Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 2Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 3Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 4Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 5Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 6Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV5416-R-00B
5V Power Management IC
Evaluation Board
EV5416-R-00B Rev.1.1
www.MonolithicPower.com
1
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV5416-R-00B is an evaluation board for
MP5416, a complete power management
solution which integrates four high efficiency
step-down DC/DC converters, five low dropout
regulators and flexible logic interface.
COT control DC/DC converter provides fast
transient
response.
1.5MHz
default
fixed
switching frequency during CCM mode greatly
reduces external inductor and capacitor value.
Full protection features include UVLO, OCP
and thermal shutdown.
Output voltage is adjustable through I2C bus or
preset by OTP (One Time Programmable). The
power on/off sequence is also programmable
by OTP or can be controlled through I2C bus
online.
The MP5416 requires a minimal number
external components, and is available in space-
saving 28-pin QFN28 (4x4mm) package.
Electrical Specification
FEATURES
 High Efficiency Step-Down Converters
Buck1: 4.5A DC/DC Converter
Buck2: 2.5A DC/DC Converter
Buck3: 4A DC/DC Converter
Buck4: 2A DC/DC Converter
2.8V to 5.5V Operating Input Range
Adjustable Switching Frequency
Programmable Forced PWM/Auto
PFM/PWM Mode
Hiccup Over Current Protection
 Low Dropout Regulators
One RTC Dedicate LDO
Four Low Noise LDOs
Two Separate Input Power Supplies
100mV Dropout at 300mA Load
 System
I2C Bus and OTP
Power On/off Button
Power On Reset Output
Flexible Power On/off Sequence via OTP
Flexible DC/DC, LDO On/off via OTP
±4kV HBM and ±2kV CDM ESD Rating
for all pins
APPLICATIONS
 Cable Modem, Set-Top-Box
 TV
 MID, Tablet
 POS Machine
 SSD
 IP Camera
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - EV5416-R-00B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV5402M-R-00A MPS-EV5402M-R-00A Datasheet
468Kb / 6P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
EV5402M-R-00B MPS-EV5402M-R-00B Datasheet
1Mb / 7P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
EV5403-QB-02A MPS-EV5403-QB-02A Datasheet
469Kb / 7P
High Efficiency Dual Buck and One Load Switch Power Management Unit EV Board
EV5424-R-00A MPS-EV5424-R-00A Datasheet
1Mb / 44P
5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
12/6/2021 Rev. 1.0
EV5455-L-00A MPS-EV5455-L-00A Datasheet
221Kb / 7P
Peak Power Assist for Smart/AI-Enabled Speakers, Evaluation Board
More results

Similar Description - EV5416-R-00B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
Power Management IC
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
Holt Integrated Circuit...
AN-165 HOLTIC-AN-165 Datasheet
1Mb / 17P
Management Engine Evaluation Board
QSG-3200 HOLTIC-QSG-3200 Datasheet
412Kb / 6P
Management Engine Evaluation Board
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
logo
STMicroelectronics
STEVAL-PMIC1K1 STMICROELECTRONICS-STEVAL-PMIC1K1 Datasheet
296Kb / 6P
Evaluation board for high integration STPMIC1x power management IC for microprocessor units
November 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com