Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5416-R-00B Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # EV5416-R-00B
Description  5V Power Management IC Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5416-R-00B Datasheet(HTML) 7 Page - Monolithic Power Systems

  EV5416-R-00B Datasheet HTML 1Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 2Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 3Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 4Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 5Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 6Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EV5416-R-00B 5V POWER MANAGEMENT IC EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV5416-R-00B Rev.1.1
www.MonolithicPower.com
7
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load to the VOUT and GND pins,
respectively.
2. Preset the power supply output between 3.5V and 5V, and then turn off the power supply.
3. Connect the positive and negative terminals of the power supply output to the VIN and GND
pins, respectively.
4. Turn the power supply on. The PMIC will automatically entry power on sequence.
Notes:
1) VOUT power terminals on EVB are including buck1-4; LDO1 to LDO5.
2) VIN1-4 terminals are shorten-circuit internally. Connect input DC voltage source to either of them is ok.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com