Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5416-R-00B Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # EV5416-R-00B
Description  5V Power Management IC Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5416-R-00B Datasheet(HTML) 3 Page - Monolithic Power Systems

  EV5416-R-00B Datasheet HTML 1Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 2Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 3Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 4Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 5Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 6Page - Monolithic Power Systems EV5416-R-00B Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV5416-R-00B 5V POWER MANAGEMENT IC EVALUATION BOARD
EV5416-R-00B Rev.1.1
www.MonolithicPower.com
3
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV5416-R-00B BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
6
C6, C6A, C7,
C8, C8A, C9
22μF
Ceramic
Cap,6.3V,X5R
0805
muRata
GRM21BR60J226ME39L
4
C1, C2, C3,
C4
22μF
Ceramic
Cap,10V,X5R
0805
muRata
GRM21BR61A106KE19L
2
C5, C10
1μF
Ceramic
Cap,10V,X5R
0603
muRata
GRM188R61A105KA61D
5
C11, C12,
C13, C14
2.2μF
Ceramic
Cap,10V,X5R
0603
muRata
GRM188R61A225KE34
1
C15
2.2μF
Ceramic
Cap,10V,X7R
0805
muRata
GRM21BR71A225KA01L
1
R1
100k
Film Res,1%
0603
ROYAL
RL0603FR-07100KL
1
R2
49.9k
Film Res,1%
0603
ROYAL
RL0603FR-0749K9L
1
R3
10Ω
Film Res,1%
0603
ROYAL
RL0603FR-0710RL
2
R5
0Ω
Film Res,1%
1206
Yageo
RL1206FR-070RL
2
L1, L3
1μH
Inductor,
DCR=4.6mΩ,
Is=19A
SMD
Wurth
744311100
2
L2, L4
1.5μH
Inductor,
DCR=6.6mΩ,
Is=14A
SMD
Wurth
744311150
2
P1, P2
Tact Switch
SMD
Wurth
430181038816
1
U1
5V Power
Management IC
QFN28
(4*4)
MPS
MP5416GR-0001



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com