Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5455GL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5455GL
Description  Peak Power Assist for Smart/AI-Enabled Speakers, Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455GL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5455GL Datasheet HTML 1Page - Monolithic Power Systems MP5455GL Datasheet HTML 2Page - Monolithic Power Systems MP5455GL Datasheet HTML 3Page - Monolithic Power Systems MP5455GL Datasheet HTML 4Page - Monolithic Power Systems MP5455GL Datasheet HTML 5Page - Monolithic Power Systems MP5455GL Datasheet HTML 6Page - Monolithic Power Systems MP5455GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV5455-L-00A – PEAK POWER ASSIST (LOW-POWER) EV BOARD
EV5455-L-00A Rev.1.2
www.MonolithicPower.com
2
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
PGND
AGND
AGND
PGND
AGND
AGND
AGND
PGND
PGND
PGND
EN
VIN
VB
AGND
953
R7
100K
R5
3.4K
R2
1uF
C8
200K
R9
100uF
C7A
10.5K
R1
4.7uH
L1
R8
6.98K
R10
NC
D1
100K
R6
ENCH
22uF
C2
4.7uF
C6
100nF
C5
STRG
C1
100K
R3
MP5455
1uF
C4
ENCH
SW
EN
VIN
CST
FBS
ILIM
ICH
STRG
VBO
BST
FBB
100K
R4
PGND
D2
PGND
0.1uF
DVDT
AGND
10nF
C3
PGND
100uF
C7B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com