Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5455GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5455GL
Description  Peak Power Assist for Smart/AI-Enabled Speakers, Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5455GL Datasheet HTML 1Page - Monolithic Power Systems MP5455GL Datasheet HTML 2Page - Monolithic Power Systems MP5455GL Datasheet HTML 3Page - Monolithic Power Systems MP5455GL Datasheet HTML 4Page - Monolithic Power Systems MP5455GL Datasheet HTML 5Page - Monolithic Power Systems MP5455GL Datasheet HTML 6Page - Monolithic Power Systems MP5455GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EV5455-L-00A – PEAK POWER ASSIST (LOW-POWER) EV BOARD
EV5455-L-00A Rev.1.2
www.MonolithicPower.com
4
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 3.5V, VSTORAGE =23.5V, VRELEASE=3.2V, For DCDC Converter: VOUT=3.2V, L=4.7µH, TA = +25ºC,
unless otherwise noted.
VIN Power On 
ENCH Power On
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH2: VSW
10V/div.
CH4: IL
1A/div.
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH2: VSW
10V/div.
CH4: IL
1A/div.
50ms/div.
50ms/div.
Release 
IB=10mA, CSTRG=2 x 100μF
Release 
IB=1A, CSTRG=2 x 100μF
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH2: VSW
10V/div.
CH4: IB
1A/div.
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH2: VSW
10V/div.
CH4: IB
1A/div.
200ms/div.
5ms/div.
Release 
IB=2A, CSTRG=2 x 100μF
Release 
IB=2A, CSTRG=2 x 220μF
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH2: VSW
10V/div.
CH4: IB
2A/div.
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH2: VSW
10V/div.
CH4: IB
2A/div.
2ms/div.
5ms/div.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com