Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5455GL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5455GL
Description  Peak Power Assist for Smart/AI-Enabled Speakers, Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455GL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5455GL Datasheet HTML 1Page - Monolithic Power Systems MP5455GL Datasheet HTML 2Page - Monolithic Power Systems MP5455GL Datasheet HTML 3Page - Monolithic Power Systems MP5455GL Datasheet HTML 4Page - Monolithic Power Systems MP5455GL Datasheet HTML 5Page - Monolithic Power Systems MP5455GL Datasheet HTML 6Page - Monolithic Power Systems MP5455GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV5455-L-00A – PEAK POWER ASSIST (LOW-POWER) EV BOARD
EV5455-L-00A Rev.1.2
www.MonolithicPower.com
3
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EV5455-L-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
L1
4.7μH
4.7μH, DCR
19.5mΏ, 7A
SMD
Wurth
744311470
1
R1
10.5k
Film Res., 1%
0603
Yageo
RC0603FR-0710K5L
1
R2
3.4k
Film Res., 1%
0603
Yageo
RC0603FR-073K4L
4
R3, R4,
R5, R6
100k
Film Res., 1%
0603
Yageo
RC0603FR-07100KL
1
R7
953
Film Res., 1%
0603
Yageo
RC0603FR-07953RL
1
R8
0
Film Res., 1%
0603
Yageo
RC0603FR-07200KL
1
R9
200k
Film Res., 1%
0603
Royal
RL0603FR-07200KL
1
R10
6.98k
Film Res., 1%
0603
Yageo
RC0603FR-076K98L
2
C1, C5
100nF
Ceramic Cap., 25V,
X7R
0603
Murata
GRM188R71E104KA01D
1
C2
22μF
Ceramic Cap., 10V,
X5R
1206
Murata
GRM31CR61A226ME19L
1
C3
10nF
Ceramic Cap., 16V,
X7R
0603
Murata
GRM188R71C103KA01D
2
C4, C8
1μF
Ceramic
Cap,50V,X5R
0603
Yageo
CC0603KRX5R9BB106
1
C6
4.7μF
Ceramic
Cap,50V,X7R
1206
Murata
GRM31CR71H475KA12L
2
C7A,
C7B
100uF
50V/100μF
CD284
JH
ECR1HXY101M080011
0
D1
NC
1
D2
SMA6J5.0A
TVS DIODE
SMA
VISHAT
SMA6J5.0A
1
U1
MP5455
MP5455GL
QFN20-
3mmx4m
m
MPS
MP5455GL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com