Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5455GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5455GL
Description  Peak Power Assist for Smart/AI-Enabled Speakers, Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5455GL Datasheet HTML 1Page - Monolithic Power Systems MP5455GL Datasheet HTML 2Page - Monolithic Power Systems MP5455GL Datasheet HTML 3Page - Monolithic Power Systems MP5455GL Datasheet HTML 4Page - Monolithic Power Systems MP5455GL Datasheet HTML 5Page - Monolithic Power Systems MP5455GL Datasheet HTML 6Page - Monolithic Power Systems MP5455GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV5455-L-00A
Peak Power Assist for Smart/AI-Enabled
Speakers, Evaluation Board
EV5455-L-00A Rev.1.2
www.MonolithicPower.com
1
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
EV5455-L-00A Evaluation Board is designed to
demonstrate the capabilities of MP5455. The
MP5455 is designed as a peak power assist for
low power applications, releasing energy as
needed during peak loading events. The
internal input-current-limit block with dv/dt
control prevents inrush current during system
start-up; the bus voltage start-up slew rate is
programmable. MPS’s patented power back-up
control circuit minimizes the storage capacitor
requirement. It pumps the input voltage to a
higher storage voltage and releases the energy
over a hold-up time to the system in the case of
an input outage. The storage voltage and the
release voltage are both programmable for
different system requirements.
The MP5455 is available in a space QFN20
(3mmX4mm) package.
ELECTRICAL SPECIFICATION
Parameter
Symbol Value Units
Input Voltage
VIN
3.5-5
V
Charge Voltage
VSTRG
23.5
V
Bus Release Voltage
VRELEASE
3.2
V
Boost Inductor Peak Current
ICHARGE
0.4
A
Buck Max Output Current
IRELEASE
2
A
FEATURES
 Wide 2.7 to 7V Operating Input Range for
MP5455
 60mΩ Back to Back Switch for Input Current
Limit Circuit and Reverse Current Blocking
 Reverse Current Protection
 6V Bus Clamping Voltage
 Power on Reset
 Adjustable dv/dt Slew Rate for Bus Voltage
Start-up
 Thermal Protection
 Available in an QFN20(3mmx4mm)
Package
APPLICATIONS
 Peak Power Smoother for Smart Speakers
 Artificial Intelligence (AI)-Enabled Speakers
 Power Back-Up
 Battery Hold-Up Supplies
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV5455-L-00A EVALUATION BOARD
(L x W) 6.35cm x 6.35cm
Board Number
MPS IC Number
EV5455-L-00A
MP5455GL
Release 
IB=2A, CSTRG=2 x 100μF
CH1:
VB
1V/div.
CH2:
VSTRG
10V/div.
CH2:
VSW
10V/div.
CH4: IB
2A/div.
2ms/div.


Similar Part No. - MP5455GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5455GL MPS-MP5455GL Datasheet
650Kb / 17P
Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
More results

Similar Description - MP5455GL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2013H TI-BQ2013H Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Texas Instruments
BQ2013HSN-A514TR TI-BQ2013HSN-A514TR Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
logo
ELMOS Semiconductor AG
E524.11 ELMOS-E524.11 Datasheet
231Kb / 2P
LIN SMART ULTRASONIC PARKING ASSIST
E524.24 ELMOS-E524.24 Datasheet
224Kb / 2P
LIN SMART ULTRASONIC PARKING ASSIST
logo
Monolithic Power System...
MP5455 MPS-MP5455 Datasheet
650Kb / 17P
Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
logo
DFI Inc
RC300-CS DFI-RC300-CS Datasheet
1Mb / 5P
AI-Enabled Railway Embedded System
VC300-CS DFI-VC300-CS Datasheet
1Mb / 4P
AI-Enabled In-Vehicle Embedded System
logo
ON Semiconductor
SECO-RSL10-CAM-GEVB ONSEMI-SECO-RSL10-CAM-GEVB Datasheet
6Mb / 18P
RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled
January, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com