Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6535 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6535
Description  5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6535 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6535 Datasheet HTML 1Page - Monolithic Power Systems MP6535 Datasheet HTML 2Page - Monolithic Power Systems MP6535 Datasheet HTML 3Page - Monolithic Power Systems MP6535 Datasheet HTML 4Page - Monolithic Power Systems MP6535 Datasheet HTML 5Page - Monolithic Power Systems MP6535 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV6535-U-00A EVB DESCRIPTION
EV6535-U-00A Rev. 1.0
www.MonolithicPower.com
3
1/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV6535-U-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
15
C1,C2,C3,C4
,C5,C6,C20,
C31,R12,R13
,R20,R21,
R22, R23,
R24
NS
1
C7
1000µF
Electrolytic Cap.
63V
DIP
Jianghai
CD263-63V1000
9
C8,C9,C10,
C11,C12,C13
,C21,C22,
C23,C32
4.7µF
Ceramic
Cap.
100V, X7S
SM1210
TDK
C3225X7S2A475K
1
C14
100nF
Ceramic
Cap.
100V, X7R
SM0805
TDK
CGA4J2X7R2A104K
1
C15
470nF
Ceramic
Cap.
100V, X7R
SM0805
Murata
GRM21BR72A474KA73L
1
C16
10µF
Ceramic
Cap.
25V, X5R
SM1206
Murata
GRM31CR61E106KA12L
3
C17,C18,C19
1µF
Ceramic
Cap.
25V, X7R
SM0603
Murata
GRM188R71E105KA12D
2
C24,C25
4.7µF
Ceramic
Cap.
6.3V, X5R
SM0805
Murata
GRM219R60J475KE19D
1
C26
0.1µF
Ceramic
Cap.
50V, X7R
SM0603
Murata
GCJ188R71H104KA12D
4
C27,C28,
C29,C30
10nF
Ceramic
Cap.
50V, X7R
SM0603
Murata
GRM188R71H103KA01D
6
R1,R2,R3,
R4,R5,R6
2Ohm
Film
Resistor.
1%
SM1210
Yageo
RC1210FR-072RL
5
R7,R8,R9,
R10,R11
100mOhm
Resistor. 2W
DIP
Minda
1
R14
499Ohm
Film
Resistor.
1%
SM0603
Yageo
RC0603FR-07499RL
1
R15
200k
Film Resistor ,
1%
SM0603
Yageo
RC0603FR-07200KL
3
R16,R17,R18
10Ohm
Film Resistor ,
1%
SM0603
Yageo
RC0603FR-0710RL
3
R19,R25,R28
0Ohm
Film Resistor ,
1%
SM0603
Yageo
RC0603FR-070RL
1
R29
510k
Film Resistor ,
1%
SM0603
Yageo
RC0603FR-07510KL
1
R26
124k
Film Resistor ,
1%
SM0603
Yageo
RC0603FR-07124KL
1
R27
23.7k
Film Resistor ,
1%
SM0603
Yageo
RC0603FR-0723K7KL
6
M1,M2,M3,
M4,M5,M6
N-channel
MOSFET,
100V,57A,
Qg=130nC,23m
Ohm@Vgs=10V
, Id=28A
D
2Pak
IR
IRF3710S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com