Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6535 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6535
Description  5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6535 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP6535 Datasheet HTML 1Page - Monolithic Power Systems MP6535 Datasheet HTML 2Page - Monolithic Power Systems MP6535 Datasheet HTML 3Page - Monolithic Power Systems MP6535 Datasheet HTML 4Page - Monolithic Power Systems MP6535 Datasheet HTML 5Page - Monolithic Power Systems MP6535 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV6535-U-00A EVB DESCRIPTION
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV6535-U-00A Rev. 1.0
www.MonolithicPower.com
6
1/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
1. Attach the input voltage (5V ≤ VIN ≤ 55V) and input ground to the VIN and GND connectors
respectively.
2. Attach the logic power (3.3V or 5V) and logic power ground to the REN and REN_GND
connector.
3. Switch the SW1 to the position 1(Top side) to enable the chip.
4. Attach the OCP reference voltage (0.1V ≤ VREF ≤ 2V) to the OC_REF connector to set OCP
threshold.
5. Attach the hall signals coming from the motor to the Hall Sensor connector. Put the short jumper
on JP5, JP6, JP7.
6. Attach the driving control signal generated by the external controller to the CN1 connector.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com