Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6535 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6535
Description  5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6535 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6535 Datasheet HTML 1Page - Monolithic Power Systems MP6535 Datasheet HTML 2Page - Monolithic Power Systems MP6535 Datasheet HTML 3Page - Monolithic Power Systems MP6535 Datasheet HTML 4Page - Monolithic Power Systems MP6535 Datasheet HTML 5Page - Monolithic Power Systems MP6535 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV6535-U-00A
5V to 55V, Three-Phase Brushless
DC Motor Pre-Driver With Buck Regulator
Evaluation Board
EV6535-U-00A Rev. 1.0
www.MonolithicPower.com
1
1/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV6535-U-00A is an evaluation board for
the MP6535, a three-phase BLDC motor pre-
driver.
It operates from a supply voltage of up to 55V.
It is configured to drive 3 half bridges consisting
of 6 N-channel Power MOSFETs. The rotor
position information is provided by the Hall
sensors assembled in the motor and the driving
control signals are generated by the external
controller, such as MCU, FPGA, etc.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
5 - 55
V
OC_REF
OC_REF
0.1 - 2
V
Buck Output Voltage
Vb
5
V
FEATURES
• Wide 5V to 55V Input Voltage Range
• Programmable OCP Threshold
• Support 100% Duty Cycle Operation
• OCP, OTP
• Fault Indication Output
APPLICATIONS
• 3-Phase Brushless DC Motors and Permanent
Magnet Synchronous Motors
• Power Drills
• Impact Drivers
•E-Bike
For MPS green status, please visit MPS website under Quality Assurance.
For MPS green status, please visit MPS website under Quality Assurance.
MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV6535GU-00A EVALUATION BOARD
(L x W x H) 4.68” x 3.12” x 0.4”
(11.7cm x 7.8cm x 1cm)
Board Number
MPS IC Number
EV6535-U-00A
MP6535


Similar Part No. - MP6535

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6530 MPS-MP6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6530 MPS-MP6530 Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF MPS-MP6530GF Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF-P MPS-MP6530GF-P Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF-Z MPS-MP6530GF-Z Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
More results

Similar Description - MP6535

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
logo
STMicroelectronics
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
L6235 three-phase brushless DC motor driver demonstration board
25-Aug-2011
logo
Monolithic Power System...
EV6534-U-00A MPS-EV6534-U-00A Datasheet
368Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EVKT6532 MPS-EVKT6532 Datasheet
838Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
EVKT6530 MPS-EVKT6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6529 MPS-MP6529 Datasheet
472Kb / 13P
5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
MP6531A MPS-MP6531A Datasheet
1Mb / 18P
5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
logo
Toshiba Semiconductor
TB9068FG TOSHIBA-TB9068FG Datasheet
1Mb / 29P
3-phase DC Brushless Motor Driver with LIN Driver and 5V Regulator
2019-07-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com