Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6535 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6535
Description  5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6535 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6535 Datasheet HTML 1Page - Monolithic Power Systems MP6535 Datasheet HTML 2Page - Monolithic Power Systems MP6535 Datasheet HTML 3Page - Monolithic Power Systems MP6535 Datasheet HTML 4Page - Monolithic Power Systems MP6535 Datasheet HTML 5Page - Monolithic Power Systems MP6535 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV6535-U-00A EVB DESCRIPTION
EV6535-U-00A Rev. 1.0
www.MonolithicPower.com
4
1/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV6535-U-00A BILL OF MATERIALS (continued)
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
6
D1,D2,D3,
D4,D5,D6
Schottky Diode.
30V, 1A
SOD-123
Diodes
B130LAW-7-F
1
D7
Schottky Rect.
60V, 1A
Power
DITM123
Diodes
DFLS160
1
L1
15µH
Inductor, Idc=0.7A
SMD
TDK
VLCF4020T-
150MR68
VLF504015MT-150M
1
MB1
Idc=1A
SM0805
Wurth
742792097
1
LED1
LED. 红光
SM0805
Bright LED
BL-HUF35A-TRB
1
SW1
Button
SK-12D01EG4
1
CN1
10Pin, 2.54mm
1
Hall Sensor
5Pin, 2.54mm
7
JP1,JP2,JP3,
JP4,JP5,JP6,
JP7
2Pin, 2.54mm
(with Short Jumper)
1
U1
3-Phase BLDC Motor
Pre-Driver
QFN-40
(5x5mm)
MPS
MP6535GU



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com