Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8610AX Datasheet(PDF) 1 Page - Linear Technology

Part # LT8610AX
Description  42V, 3.5A Synchronous Step-Down Regulator with Operation to 175째C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AX Datasheet(HTML) 1 Page - Linear Technology

  LT8610AX Datasheet HTML 1Page - Linear Technology LT8610AX Datasheet HTML 2Page - Linear Technology LT8610AX Datasheet HTML 3Page - Linear Technology LT8610AX Datasheet HTML 4Page - Linear Technology LT8610AX Datasheet HTML 5Page - Linear Technology LT8610AX Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LT8610AX
1
8610axf
For more information www.linear.com/LT8610AX
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42V, 3.5A Synchronous
Step-Down Regulator with
Operation to 175°C
The LT®8610AX is a compact, high efficiency, high speed
synchronous monolithic step-down switching regulator
rated to 175°C junction temperature. The LT8610AX is
100% tested a 175°C. Top and bottom power switches
are included with all necessary circuitry to minimize the
need for external components. Low ripple Burst Mode
operation enables high efficiency across a wide range of
outputcurrentswhilekeepingtheoutputripplelow.ASYNC
pin allows synchronization to an external clock. Internal
compensation with peak current mode topology allows
the use of small inductors and results in fast transient
response and good loop stability. The EN/UV pin has an
accurate 1V threshold and can be used to program VIN
undervoltage lockout or to shut down the LT8610AX. A
capacitor on the TR/SS pin programs the output voltage
ramp rate during startup while the PG flag signals when
VOUT is within ±9% of the programmed output voltage
as well as fault conditions. The LT8610AX is available in
small 16-lead MSOP package with exposed pad for low
thermal resistance.
APPLICATIONS
n
100% Tested at 175°C
n
±2% Reference Accuracy Over –40°C to 175°C Range
n
Wide Input Voltage Range: 3.7V to 42V
n
Ultralow Quiescent Current Burst Mode® Operation
n
High Efficiency Synchronous Operation
n
91% Eff. at 0.5A, at 175°C, 3.3VOUT from 12VIN
n
92% Eff. at 0.5A, at 175°C, 5VOUT from 12VIN
n
Adjustable and Synchronizable Frequency: 200kHz
to 2.2MHz
n
No Thermal Shutdown
n
Internal Compensation
n
Output Soft-Start and Tracking
n
Power Good Flag
n
Small Thermally-Enhanced 16-Lead MSOP Package
n
Oil and Gas Exploration
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
3.3V Step-Down Converter
Efficiency at 175°C
47µF
60.4k
4.7µF
1µF
100nF
4.7µH
0.1µF
100k
41.2k
10pF
49.9k
VOUT
3.3V
3.5A
VIN
SW
FB
GND
EN/UV
LT8610AX
VIN
3.7V TO 42V
fSW = 700kHz
PG
SYNC
TR/SS
INTVCC
RT
BST
BIAS
1210
X7R
×2
8610AX TA01a
TA = 175°C
12VIN
LOAD CURRENT (mA)
1
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
100
Efficiency at 175°C
8610AX TA01b


Similar Part No. - LT8610AX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8610AX AD-LT8610AX Datasheet
1Mb / 18P
±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
Rev. 0
More results

Similar Description - LT8610AX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT8607 LINER-LT8607 Datasheet
209Kb / 6P
42V, 0.75A Micropower Synchronous Step-Down Regulator
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com