Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8610AX Datasheet(PDF) 2 Page - Linear Technology

Part # LT8610AX
Description  42V, 3.5A Synchronous Step-Down Regulator with Operation to 175째C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AX Datasheet(HTML) 2 Page - Linear Technology

  LT8610AX Datasheet HTML 1Page - Linear Technology LT8610AX Datasheet HTML 2Page - Linear Technology LT8610AX Datasheet HTML 3Page - Linear Technology LT8610AX Datasheet HTML 4Page - Linear Technology LT8610AX Datasheet HTML 5Page - Linear Technology LT8610AX Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LT8610AX
2
8610axf
For more information www.linear.com/LT8610AX
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG..........................................................42V
BIAS..........................................................................30V
FB, TR/SS Voltage ......................................................4V
SYNC Voltage .............................................................6V
Operating Junction Temperature Range (Note 2)
LT8610AX .............................................. –40 to 175°C
Storage Temperature Range ......................–65 to 150°C
(Note 1)
1
2
3
4
5
6
7
8
SYNC
TR/SS
RT
EN/UV
VIN
VIN
NC
GND
16
15
14
13
12
11
10
9
FB
PG
BIAS
INTVCC
BST
SW
SW
SW
TOP VIEW
17
GND
MSE PACKAGE
16-LEAD PLASTIC MSOP
θJA = 40°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Devices are 100% tested at 175°C to the limits shown. For normal
operating temperature range specifications, please see the LT8610A/
LT8610AB data sheet. The LT8610AX performance is based on the
LT8610AB.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8610AXMSE#PBF
LT8610AXMSE#TRPBF
8610AX
16-Lead Plastic MSOP
–40°C to 175°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.2
3.7
V
VIN Current in Regulation
VOUT = 0.97V, VIN = 6V, Output Load = 100μA
VOUT = 0.97V, VIN = 6V, Output Load = 1mA
l
l
26
230
100
400
μA
μA
Feedback Reference Voltage
VIN = 12V
l
0.966
0.950
0.972
0.970
0.978
0.990
V
V
Oscillator Frequency
RT = 60.4k
l
665
700
735
kHz
PG Upper Threshold Offset from VFB
VFB Falling
l
6
9
12
%
PG Lower Threshold Offset from VFB
VFB Rising
l
–12
–9
–6
%
Note 3. The LT8610AX is guaranteed over the full –40°C to 175°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
greater than 125°C. The LT8610AX has no thermal shutdown.
(http://www.linear.com/product/LT8610AX#orderinfo)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com