Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8610AX Datasheet(PDF) 4 Page - Linear Technology

Part # LT8610AX
Description  42V, 3.5A Synchronous Step-Down Regulator with Operation to 175째C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AX Datasheet(HTML) 4 Page - Linear Technology

  LT8610AX Datasheet HTML 1Page - Linear Technology LT8610AX Datasheet HTML 2Page - Linear Technology LT8610AX Datasheet HTML 3Page - Linear Technology LT8610AX Datasheet HTML 4Page - Linear Technology LT8610AX Datasheet HTML 5Page - Linear Technology LT8610AX Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LT8610AX
4
8610axf
For more information www.linear.com/LT8610AX
PIN FUNCTIONS
SYNC (Pin 1): External Clock Synchronization Input.
Ground this pin for low ripple Burst Mode operation at low
output loads. Tie to a clock source for synchronization to
an external frequency. Apply a DC voltage of 3V or higher
or tie to INTVCC for pulse-skipping mode. When in pulse-
skipping mode, the IQ will increase to several hundred µA.
Do not float this pin.
TR/SS (Pin 2): Output Tracking and Soft-Start Pin. This
pin allows user control of output voltage ramp rate during
start-up.ATR/SSvoltagebelow0.97VforcestheLT8610AX
to regulate the FB pin to equal the TR/SS pin voltage. When
TR/SS is above 0.97V, the tracking function is disabled
and the internal reference resumes control of the error
amplifier.Aninternal2.2μApull-upcurrentfromINTVCCon
this pin allows a capacitor to program output voltage slew
rate. This pin is pulled to ground with an internal 230Ω
MOSFETduringshutdownandfaultconditions;useaseries
resistor if driving from a low impedance output. This pin
may be left floating if the tracking function is not needed.
RT (Pin 3): A resistor is tied between RT and ground to
set the switching frequency.
EN/UV (Pin 4): The LT8610AX is shut down when this
pin is low and active when this pin is high. The hysteretic
threshold voltage is 1.00V going up and 0.96V going
down. Tie to VIN if the shutdown feature is not used. An
external resistor divider from VIN can be used to program
a VINthresholdbelowwhichtheLT8610AXwillshutdown.
VIN(Pins5,6):TheVINpinssupplycurrenttotheLT8610AX
internal circuitry and to the internal topside power switch.
These pins must be tied together and be locally bypassed.
Be sure to place the positive terminal of the input capaci-
tor as close as possible to the VIN pins, and the negative
capacitor terminal as close as possible to the GND pins.
NC (Pin 7): No Connect. This pin is not connected to
internal circuitry.
SW (Pins 9, 10, 11): The SW pins are the outputs of the
internal power switches. Tie these pins together and con-
nect them to the inductor and boost capacitor. This node
should be kept small on the PCB for good performance.
BST (Pin 12): This pin is used to provide a drive voltage,
higher than the input voltage, to the topside power switch.
Placea0.1µFboostcapacitorascloseaspossibletotheIC.
INTVCC (Pin 13): Internal 3.4V Regulator Bypass Pin.
The internal power drivers and control circuits are pow-
ered from this voltage. INTVCC maximum output cur-
rent is 20mA. Do not load the INTVCC pin with external
circuitry. INTVCC current will be supplied from BIAS if
VBIAS > 3.1V, otherwise current will be drawn from VIN.
Voltage on INTVCC will vary between 2.8V and 3.4V when
VBIASisbetween3.0Vand3.6V.Decouplethispintopower
ground with at least a 1μF low ESR ceramic capacitor
placed close to the IC.
BIAS(Pin14):Theinternalregulatorwilldrawcurrentfrom
BIAS instead of VIN when BIAS is tied to a voltage higher
than 3.1V. For output voltages of 3.3V and above this pin
should be tied to VOUT. If this pin is tied to a supply other
than VOUT use a 1µF local bypass capacitor on this pin.
PG (Pin 15): The PG pin is the open-drain output of an
internal comparator. PG remains low until the FB pin is
within ±9% of the final regulation voltage, and there are
no fault conditions. PG is valid when VIN is above 3.4V,
regardless of EN/UV pin state.
FB (Pin 16): The LT8610AX regulates the FB pin to 0.970V.
Connect the feedback resistor divider tap to this pin. Also,
connect a phase lead capacitor between FB and VOUT.
Typically, this capacitor is 4.7pF to 10pF.
GND (Pin 8, Exposed Pad Pin 17): Ground. These pins
are the return path of the internal bottom-side switch and
must be tied together. Place the negative terminal of the
input capacitor as close to the GND pin and exposed pad
as possible. The exposed pad must be soldered to the PCB
in order to lower the thermal resistance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com