Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8610AX Datasheet(PDF) 3 Page - Linear Technology

Part # LT8610AX
Description  42V, 3.5A Synchronous Step-Down Regulator with Operation to 175째C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AX Datasheet(HTML) 3 Page - Linear Technology

  LT8610AX Datasheet HTML 1Page - Linear Technology LT8610AX Datasheet HTML 2Page - Linear Technology LT8610AX Datasheet HTML 3Page - Linear Technology LT8610AX Datasheet HTML 4Page - Linear Technology LT8610AX Datasheet HTML 5Page - Linear Technology LT8610AX Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LT8610AX
3
8610axf
For more information www.linear.com/LT8610AX
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
Reference Voltage at 175°C
Efficiency at 175°C, VOUT = 3.3V
Efficiency at 175°C, VOUT = 3.3V
Efficiency at 175°C, VOUT = 5V
Efficiency at 175°C, VOUT = 5V
No Load Input Current at 175°C
EN Cycling at 175°C
Power Up at 175°C
LOAD = 0.5A
TEMPERATURE (°C)
25
50
75
100 125 150 175 200
920
930
940
950
960
970
980
990
1000
Reference Voltage
8610AX G01
N = 347
µ = 968.5
σ = 3.33
REFERENCE VOLTAGE (mV)
950 955 960 965 970 975 980 985 990
0
15
30
45
Reference Voltage at 175C
8610AX G02
TA = 175°C
12VIN
24VIN
36VIN
LOAD CURRENT (mA)
0.01
0.1
1
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
100
Efficiency at 175°C, VOUT = 3.3V
8610AX G03
fSW = 700kHz
12VIN
24VIN
36VIN
LOAD CURRENT (mA)
100 200 300 400 500 600 700 800 900 1000
60
65
70
75
80
85
90
95
100
OUT
8610AX G04
TA = 175°C
fSW = 700kHz
12VIN
24VIN
36VIN
LOAD CURRENT (mA)
0.01
0.1
1
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
100
Efficiency at 175°C, VOUT = 5V
8610AX G05
TA = 175°C
fSW = 700kHz
12VIN
24VIN
36VIN
LOAD CURRENT (mA)
100 200 300 400 500 600 700 800 900 1000
60
65
70
75
80
85
90
95
100
OUT
8610AX G06
TA = 175°C
fSW = 700kHz
TA = 175°C
FRONT PAGE APP
3.3VOUT IN REGULATION
INPUT VOLTAGE (V)
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
140
160
180
200
8610AX G07
TA = 175°C
10ms/DIV
VOUT
2V/DIV
SS
2V/DIV
PG
2V/DIV
EN
5V/DIV
8610AX G08
TA = 175°C
10ms/DIV
VOUT
2V/DIV
SS
2V/DIV
PG
2V/DIV
VIN
10V/DIV
8610AX G09



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com