Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3111 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3111 Datasheet HTML 9Page - Linear Technology LTC3111 Datasheet HTML 10Page - Linear Technology LTC3111 Datasheet HTML 11Page - Linear Technology LTC3111 Datasheet HTML 12Page - Linear Technology LTC3111 Datasheet HTML 13Page - Linear Technology LTC3111 Datasheet HTML 14Page - Linear Technology LTC3111 Datasheet HTML 15Page - Linear Technology LTC3111 Datasheet HTML 16Page - Linear Technology LTC3111 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC3111
13
3111fa
For more information www.linear.com/LTC3111
OPERATION
PWM MODE OPERATION
When the PWM/SYNC pin is held high, the LTC3111 buck-
boost converter operates in a fixed-frequency pulse-width
modulation (PWM) mode using voltage mode control. Full
outputcurrentisonlyavailableinPWMmode.Aproprietary
switching algorithm allows the converter to transition
between buck, buck-boost, and boost modes without
discontinuity in inductor current. The switch topology for
the buck-boost converter is shown in Figure 2.
This switching algorithm provides a seamless transition
between operating modes and eliminates discontinuities
in average inductor current, inductor current ripple, and
loop transfer function throughout the operational modes.
These advantages result in increased efficiency and stabil-
ity in comparison to the traditional 4-switch buck-boost
converter.
OUTPUT VOLTAGE PROGRAMMING
The output voltage is set via the external resistor divider
comprised of resistors R1 and R2 as show in Figures 1.
Theresistordividervaluesdeterminetheoutputregulation
voltage according to:
VOUT = 0.8V • 1+
R1
R2


In addition to setting the output voltage, the value of R1 is
instrumentalincontrollingthedynamicsofthecompensa-
tion network. When changing the value of this resistor,
care must be taken to understand the impact this will have
on the compensation network.
Inaddition,theTheveninequivalentresistanceoftheresis-
tor divider controls the gain of the input current limit. To
maintain sufficient gain in this loop, it is recommended
that the Thevenin resistance be greater than 100kΩ.
RUN Comparator
In addition to serving as a logic-level input to enable the IC,
the RUN pin includes an accurate internal comparator that
allows it to be used to set custom rising and falling on/off
thresholds with the addition of an external resistor divider.
When RUN is driven above its logic threshold (0.8V typi-
cal), the LDO regulator is enabled, which provides power
to the internal control circuitry of the IC. If the voltage
on RUN is increased further so that it exceeds the RUN
comparator accurate analog threshold (1.2V typical), all
functions of the buck-boost converter will be enabled and
a start-up sequence will ensue.
IfRUNisbroughtbelowtheaccuratecomparatorthreshold,
the buck-boost converter will inhibit switching, but the
A
L
VIN
VOUT
B
3111 F02
D
C
Figure 2. Buck-Boost Switch Topology
When the input voltage is significantly greater than the
output voltage, the buck-boost converter operates in buck
mode. Switch D turns on at maximum duty cycle and
switch C turns on just long enough to refresh the voltage
on the BST2 capacitor used to drive switch D. Switches A
and B are pulse-width modulated to produce the required
duty cycle to support the output regulation voltage.
As the input voltage nears the output voltage, switches A
and D are on for a greater portion of the switching pe-
riod, providing a direct current path from VIN to VOUT.
Switches B and C are turned on only enough to ensure
proper regulation and/or provide charging of the BST1
and BST2 capacitors. The internal control circuitry will
determine the proper duty cycle in all modes of operation,
which will vary with load current.
As the input voltage drops well below the output voltage,
the converter operates solely in boost mode. Switch A
turns on at maximum duty cycle and switch B turns on
just long enough to refresh the voltage on the BST1 ca-
pacitor used to drive A. Switches C and D are pulse-width
modulated to produce the required duty cycle to regulate
the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com