Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3111 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 2 Page - Linear Technology

  LTC3111 Datasheet HTML 1Page - Linear Technology LTC3111 Datasheet HTML 2Page - Linear Technology LTC3111 Datasheet HTML 3Page - Linear Technology LTC3111 Datasheet HTML 4Page - Linear Technology LTC3111 Datasheet HTML 5Page - Linear Technology LTC3111 Datasheet HTML 6Page - Linear Technology LTC3111 Datasheet HTML 7Page - Linear Technology LTC3111 Datasheet HTML 8Page - Linear Technology LTC3111 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3111
2
3111fa
For more information www.linear.com/LTC3111
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................. –0.3V to 16V
VOUT Voltage.............................................. –0.3V to 16V
SW1 Voltage (Note 4) ................... –0.3V to (VIN + 0.3V)
SW2 Voltage (Note 4) .................–0.3V to (VOUT + 0.3V)
BST1 Voltage ...................(VSW1 – 0.3V) to (VSW1 + 6V)
BST2 Voltage ...................(VSW2 – 0.3V) to (VSW2 + 6V)
RUN Voltage............................................... –0.3V to 16V
PWM/SYNC, VCC Voltage............................. –0.3V to 6V
FB, COMP, Voltage ....................................... –0.3V to 6V
(Notes 1, 3)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SGND
PWM/SYNC
VCC
NC
VOUT
SW2
BST2
COMP
FB
SNSGND
RUN
VIN
SW1
BST1
TOP VIEW
15
PGND
DE PACKAGE
14-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 15) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
COMP
FB
SNSGND
RUN
VIN
SW1
BST1
PGND
16
15
14
13
12
11
10
9
SGND
PWM/SYNC
VCC
NC
VOUT
SW2
BST2
PGND
TOP VIEW
17
PGND
MSE PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3111EDE#PBF
LTC3111EDE#TRPBF
3111
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3111IDE#PBF
LTC3111IDE#TRPBF
3111
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3111HDE#PBF
LTC3111HDE#TRPBF
3111
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 150°C
LTC3111MPDE#PBF
LTC3111MPDE#TRPBF
3111
14-Lead (4mm
× 3mm) Plastic DFN
–55°C to 150°C
LTC3111EMSE#PBF
LTC3111EMSE#TRPBF
3111
16-Lead Plastic MSOP
–40°C to 125°C
LTC3111IMSE#PBF
LTC3111IMSE#TRPBF
3111
16-Lead Plastic MSOP
–40°C to 125°C
LTC3111HMSE#PBF
LTC3111HMSE#TRPBF
3111
16-Lead Plastic MSOP
–40°C to 150°C
LTC3111MPMSE#PBF
LTC3111MPMSE#TRPBF 3111
16-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range (Notes 2, 5)
LTC3111E, LTC3111I........................... –40°C to 125°C
LTC3111H........................................... –40°C to 150°C
LTC3111MP........................................ –55°C to 150°C
Maximum Junction Temperature (Note 3)............. 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10sec)
MSOP ...............................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com