Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3111 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3111 Datasheet HTML 16Page - Linear Technology LTC3111 Datasheet HTML 17Page - Linear Technology LTC3111 Datasheet HTML 18Page - Linear Technology LTC3111 Datasheet HTML 19Page - Linear Technology LTC3111 Datasheet HTML 20Page - Linear Technology LTC3111 Datasheet HTML 21Page - Linear Technology LTC3111 Datasheet HTML 22Page - Linear Technology LTC3111 Datasheet HTML 23Page - Linear Technology LTC3111 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC3111
20
3111fa
For more information www.linear.com/LTC3111
APPLICATIONS INFORMATION
Compensation Of The Voltage Loop
The small-signal models of the LTC3111 reveal that the
transfer function from the error amplifier output, COMP,
to the output voltage is characterized by a set of resonant
poles and a possible zero generated by the ESR of the
output capacitor as shown in the Bode plot of Figure 5.
In boost mode operation, there is an additional right-half-
plane zero that produces phase lag and increasing gain at
higher frequencies. Typically, the compensation network
is designed to ensure that the loop crossover frequency is
low enough that the phase loss from the right-half-plane
zero is minimized. The low frequency gain in buck mode
is a constant, but varies with both VIN and VOUT in boost
mode.
For charging or other applications that do not require an
optimized output voltage transient response, a simple
Type I compensation network as shown in Figure 6 can
be used to stabilize the voltage loop. To ensure sufficient
phase margin, the gain of the error amplifier must be low
enoughthattheresultantcrossoverfrequencyofthecontrol
loop is well below the resonant frequency.
In most applications, the low bandwidth of the Type I com-
pensatedloopwillnotprovidesufficienttransientresponse
performance. To obtain a wider bandwidth feedback loop,
optimize the transient response, and minimize the size of
the output capacitor, a Type III compensation network as
shown in Figure 7 is required.
A Bode plot of the typical Type III compensation network
is shown in Figure 8. The Type III compensation network
provides a pole near the origin which produces a very high
loop gain at DC to minimize any steady-state error in the
regulation voltage. Two zeros located at fZERO1 and fZERO2
provide sufficient phase boost to allow the loop crossover
frequency to be set above the resonant frequency, fO, of
the power stage. The Type III compensation network also
introduces a second and third pole. The second pole, at
frequency fPOLE2, reduces the error amplifier gain to a
zero slope to prevent the loop crossover from extending
0.8V
3111 F06
FB
LTC3111
C1
R1
R2
VOUT
COMP
SGND
+
–
Figure 6: Error Amplifier with Type I Compensation
0.8V
3111 F07
FB
LTC3111
CFB
CFF
RFF
R1
R2
CPOLE
RFB
VOUT
COMP
SGND
+
–
Figure 7: Error Amplifier with Type III Compensation
Figure 5: Buck-Boost Converter Bode Plot
GAIN
PHASE
BOOST MODE
BUCK MODE
–20dB/DEC
–40dB/DEC
fO
3111 F05
fRHPZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com