Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3111 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3111 Datasheet HTML 17Page - Linear Technology LTC3111 Datasheet HTML 18Page - Linear Technology LTC3111 Datasheet HTML 19Page - Linear Technology LTC3111 Datasheet HTML 20Page - Linear Technology LTC3111 Datasheet HTML 21Page - Linear Technology LTC3111 Datasheet HTML 22Page - Linear Technology LTC3111 Datasheet HTML 23Page - Linear Technology LTC3111 Datasheet HTML 24Page - Linear Technology LTC3111 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC3111
21
3111fa
For more information www.linear.com/LTC3111
APPLICATIONS INFORMATION
too high in frequency. The third pole at frequency fPOLE3
provides attenuation of high frequency switching noise.
The transfer function of the compensated Type III error
amplifier from the input of the resistor divider to the output
of the error amplifier, COMP, is:
VCOMP
VO
= GCOMP •
1
+
s
2•
π • fZERO1


• 1
+
s
2•
π • fZERO2


s• 1
+
s
2•
π • fPOLE2


• 1
+
s
2•
π • fPOLE3


The compensation gain is given by the following equation.
The simpler approximate value is sufficiently accurate in
most cases since CFB is typically much larger in value
than CPOLE.
GCOMP ≅
1
R1• CFB +CPOLE
(
)
≅
1
R1•CFB
ThepoleandzerofrequenciesoftheTypeIIIcompensation
network can be calculated from the following equations
where all frequencies are in Hz, resistances are in ohms,
and capacitances are in farads.
fZERO1=
1
2•
π •RFB •CFB
fZERO2 =
1
2•
π R1+RFF
(
)•CFF
≅
1
2•
π •R1•CFF
fPOLE2 =
1
2•
π •
CFB •CPOLE
CFB +CPOLE
•RFB
≅
1
2•
π •RFB •CPOLE
fPOLE3 =
1
2•
π •RFF •CFF
Inmostapplicationsthecompensationnetworkisdesigned
so that the loop crossover frequency is above the resonant
frequency of the power stage, but sufficiently below the
boostmoderight-half-planezerotominimizetheadditional
phaseloss.Oncethecrossoverfrequencyisdecidedupon,
the phase boost provided by the compensation network
is centered at that point in order to maximize the phase
margin. A larger separation in frequency between the
zeros and higher order poles will provide a higher peak
phase boost but may also increase the gain of the error
amplifier which can push out the loop crossover to a
higher frequency.
The Q of the power stage can have a significant influence
on the design of the compensation network because it
determineshowrapidlythe180°ofphaselossinthepower
stage occurs. For very low values of series resistance, RS,
the Q will be higher and the phase loss will occur sharply.
In such cases, the phase of the power stage will fall rapidly
to –180° above the resonant frequency and the total phase
margin must be provided by the compensation network.
fZERO1
PHASE
GAIN
–20dB/DEC
–20dB/DEC
fZERO2
3111 F08
f
fPOLE2 fPOLE3
Figure 8: Type III Compensation Bode Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com