Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8352ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8352ACPZ-R7
Description  2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8352ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AD8352
Data Sheet
Rev. C | Page 4 of 19
NOISE DISTORTION SPECIFICATIONS
VS = 5 V, RL = 200 Ω differential, RG = 118 Ω (AV = 10 dB), VOUT = 2 V p-p composite, T = 25°C; parameters specified differentially, unless
otherwise noted. CD and RD are selected for differential broadband operation (see Table 5 and Table 6). See the Applications Information
section for single-ended-to-differential performance characteristics.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
10 MHz
Second/Third Harmonic Distortion1
RL = 1 kΩ, VOUT = 2 V p-p
−88/−95
dBc
RL = 200 Ω, VOUT = 2 V p-p
−86/−82
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 9.5 MHz, f2 = 10.5 MHz
38
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 9.5 MHz, f2 = 10.5 MHz,
VOUT = 2 V p-p composite
−86
dBc
RL = 200 Ω, f1 = 9.5 MHz, f2 = 10.5 MHz,
VOUT = 2 V p-p composite
−81
dBc
Noise Spectral Density (RTI)
2.7
nV/√Hz
1 dB Compression Point (RTO)
15.7
dBm
70 MHz
Second/Third Harmonic Distortion
RL = 1 kΩ, RG = 178 Ω, VOUT = 2 V p-p
−83/−84
dBc
RL = 200 Ω, RG = 115 Ω, VOUT = 2 V p-p
−84/−82
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 69.5 MHz, f2 = 70.5 MHz
40
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 69.5 MHz, f2 = 70.5 MHz,
VOUT = 2 V p-p composite
−91
dBc
RL = 200 Ω, f1 = 69.5 MHz, f2 = 70.5 MHz,
VOUT = 2 V p-p composite
−83
dBc
Noise Spectral Density (RTI)
2.7
nV/√Hz
1 dB Compression Point (RTO)
15.7
dBm
100 MHz
Second/Third Harmonic Distortion
RL = 1 kΩ, VOUT = 2 V p-p
−83/−83
dBc
RL = 200 Ω, VOUT = 2 V p-p
−84/−82
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 99.5 MHz, f2 = 100.5 MHz
40
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 99.5 MHz, f2 = 100.5 MHz,
VOUT = 2 V p-p composite
−91
dBc
RL = 200 Ω, f1 = 99.5 MHz, f2 = 100.5 MHz,
VOUT = 2 V p-p composite
−84
dBc
Noise Spectral Density (RTI)
2.7
nV/√Hz
1 dB Compression Point (RTO)
15.6
dBm
140 MHz
Second/Third Harmonic Distortion
RL = 1 kΩ, VOUT = 2 V p-p
−83/−82
dBc
RL = 200 Ω, VOUT = 2 V p-p
−82/−84
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 139.5 MHz, f2 = 140.5 MHz
41
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 139.5 MHz, f2 = 140.5 MHz,
VOUT = 2 V p-p composite
−89
dBc
RL = 200 Ω, f1 = 139.5 MHz, f2 = 140.5 MHz,
VOUT = 2 V p-p composite
−85
dBc
Noise Spectral Density (RTI)
2.7
nV/√Hz
1 dB Compression Point (RTO)
15.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com