Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8352ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8352ACPZ-R7
Description  2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8352ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
J2
J1
51
42
3
C12
0.1µF
C11
0.1µF
T3
51
42
3
T4
+
C7
0.1µF
C1
10µF
C6
0.1µF
VPOS
VPOS
RED
LOCATE CAPS NEAR DUT
Z1
VPOS
R19
0
Ω
R18
0
Ω
ENBL
YELLOW
YELLOW
BLACK
GND
SWITCH_SPDT
VCM
VCM
ENB
C9
0.1µF
C10
0.1µF
VPOS
R20
0
Ω
R1
OPEN
R4
0
Ω
R2
25
Ω
R5
0
Ω
R3
25
Ω
R6
0
Ω
VINP
VINN
T2
4
15
2
3
M/A_COM
ETC1-1-13
C2
0.1µF
C3
0.1µF
CD
0.2pF
RD
4.32k
Ω
RG
115
Ω
1
2
3
4
12
11
10
9
RDP
VIP
VIN
RGP
RGN
RDN
GND
VOP
VON
GND
VPOS
16
15
14
13
56
7
8
AD8352
R7
0
Ω
R8
86.6
Ω
R12
86.6
Ω
R11
0
Ω
R9
57.6
Ω
C4
0.1µF
C5
0.1µF
T1
4
1
5
23
M/A_COM
ETC1-1-13
R14
OPEN
R13
0
Ω
VOUTP
VOUTN
50
Ω TRACES
50
Ω TRACES
HIGH IMPEDANCE TRACES
(OPEN PLANES UNDER TRACES)
SW1
CALIBRATION CIRCUIT
BYPASS CIRCUIT
C8
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com