Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8352ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8352ACPZ-R7
Description  2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8352ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AD8352
Data Sheet
Rev. C | Page 16 of 19
EVALUATION BOARD
An evaluation board is available for experimentation of various parameters such as gain, common-mode level, and distortion. The output
network can be configured for different loads via minor output component changes. The schematic and evaluation board artwork are
shown in Figure 38, Figure 39, and Figure 40. All discrete capacitors and resistors are Size 0402, except for C1 (3528-B).
Table 9. Evaluation Board Circuit Components and Functions
Component
Name
Function
Additional
Information
C8, C9, C10
Capacitors
C8, C9, and C10 are bypass capacitors.
C8 = C9 = C10 = 0.1 µF
RD, CD
Distortion
tuning
components
Distortion Adjustment Components. Allows for third-order distortion
adjustment HD3.
Typically, both are open
above 300 MHz
CD = 0.2 pF, RD = 4.32 kΩ
CD is Panasonic High-Q
(microwave) multilayer
chip 402 capacitor
R1, R2, R3,
R4, R5, R6,
T2, C2, C3
Resistors,
transformer,
capacitors
Input Interface. R1 and R4 ground one side of the differential drive interface
for single-ended applications. T2 is a 1-to-1 impedance ratio balun to transform a
single-ended input into a balanced differential signal. R2 and R3 provide
a differential 50 Ω input termination. R5 and R6 can be increased to reduce
gain peaking when driving from a high source impedance. The 50 Ω
termination provides an insertion loss of 6 dB. C2 and C3 provide ac-coupling.
R1 = open, R2 = 25 Ω,
R3 = 25 Ω, R4 = 0 Ω,
R5 = 0 Ω, R6 = 0 Ω,
T2 = M/A-COM ETC1-1-13,
C2 = 0.1 μF, C3 = 0.1 μF
R7, R8, R9,
R11, R12,
R13, R14,
T1, C4, C5
Resistors,
transformer,
capacitors
Output Interface. R13 and R14 ground one side of the differential output
interface for single-ended applications. T1 is a 1-to-1 impedance ratio balun to
transform a balanced differential signal to a single-ended signal. R8, R9, and
R12 are provided for generic placement of matching components. R7 and
R11 allow additional output series resistance when driving capacitive loads.
The evaluation board is configured to provide a 200 Ω to 50 Ω impedance
transformation with an insertion loss of 11.6 dB. C4 and C5 provide
ac-coupling. R7 and R11 provide additional series resistance when driving
capacitive loads.
R7 = 0 Ω, R8 = 86.6 Ω,
R9 = 57.6 Ω, R11 = 0 Ω,
R12 = 86.6 Ω, R13 = 0 Ω,
R14 = open,
T1 = M/A-COM ETC1-1-13,
C4 = 0.1 µF, C5 = 0.1 µF
RG
Resistor
Gain Setting Resistor. Resistor RG is used to set the gain of the device. Refer
to Table 5 and Table 6 when selecting the gain resistor.
RG = 115 Ω (Size 0402) for
a gain of 10 dB
SW1, R18,
R19, R20
Switch,
resistors
Enable Interface. R10 connects the enable pin, ENB, to the supply for constant
enable operation. The enable function can be toggled by removing R10 and
using SW1 to switch between enable and disable modes.
SW1 = installed
R18 = R19 = R20 = 0 Ω
C1, C6, C7
Capacitors
Power Supply Decoupling. The supply decoupling consists of a 10 µF capacitor
(C1) to ground. C6 and C7 are bypass capacitors.
C1 = 10 µF, C6 = 0.1 µF,
C7 = 0.1 µF
T3, T4,
C11, C12
Transformer,
capacitors
Calibration Circuit. T3 and T4 are dummy baluns, which can be used to
calibrate the insertion loss across the transformers in the AD8352 signal chain.
T3 = T4 = M/A-COM ETC1-1-13
C11 = C12 = 0.1 µF
EVALUATION BOARD LOADING SCHEMES
The AD8352 evaluation board is characterized with two load
configurations representing the most common ADC input
resistance. The loads chosen are 200 Ω and 1000 Ω using a
broadband resistive match. The loading can be changed via R8,
R9, and R12 giving the flexibility to characterize the AD8352
evaluation board for the load in any given application. These
loads are inherently lossy and must be accounted for in overall
gain/loss for the entire evaluation board. Measure the gain of
the AD8352 with an oscilloscope using the following procedure
to determine the actual gain:
1. Measure the peak-to-peak voltage at the input node (C2 or C3).
2. Measure the peak-to-peak voltage at the output node (C4 or C5).
3. Compute gain using the following formula:
Gain = 20log(VOUT/VIN)
Table 10. Values Used for 200 Ω and 1000 Ω Loads
Component
200 Ω Load (Ω)
1000 Ω Load (Ω)
R8
86.6
487
R9
57.6
51.1
R12
86.6
487
SOLDERING INFORMATION
On the underside of the chip scale package, there is an exposed
compressed paddle. This paddle is internally connected to the
ground of the chip. Solder the paddle to the low impedance
ground plane on the PCB to ensure the specified electrical
performance and to provide thermal relief. To further reduce
thermal impedance, it is recommended that the ground planes
on all layers under the paddle be stitched together with vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com