Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8352ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8352ACPZ-R7
Description  2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8352ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8352ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AD8352
Data Sheet
Rev. C | Page 12 of 19
20
0
0
800
RG (Ω)
18
16
14
12
10
8
6
4
2
100
200
300
400
500
600
700
Figure 24. Gain vs. RG, RL = 1 kΩ
20
0
0
0.5
CD (pF)
18
16
14
12
10
8
6
4
2
0.1
0.2
0.3
0.4
Figure 25. Gain vs. CD, RL = 1 kΩ
SINGLE-ENDED INPUT OPERATION
The AD8352 can be configured as a single-ended-to-differential
amplifier, as shown in Figure 26. To balance the outputs when
driving the VIP input, an external resistor (RN) of 200 Ω is added
between VIP and RGN. See Equation 2 to determine the single-
ended input gain (AV Single-Ended) for a given RG or RL.
30
430
)
53
(
)
5
(
500
+
+


+
+
+
+
=
−
L
L
L
L
G
G
Ended
Single
V
R
R
R
R
R
R
A
(2)
where
RL is the single-ended load.
RG is the gain setting resistor.
Figure 27 plots gain vs. RG for 200 Ω and 1 kΩ loads. Table 7
and Table 8 show the values of CD and RD required (for 180 MHz
broadband, third-order, single tone optimization) for 200 Ω and
1 kΩ loads, respectively. This single-ended configuration provides
−3 dB bandwidths similar to input differential drive. Figure 28
through Figure 31 show distortion levels at a gain of 12 dB for
both 200 Ω and 1 kΩ loads. Gains from 3 dB to 18 dB, using
optimized CD and RD values, obtain similar distortion levels.
RD
RG
25
Ω
65
Ω
50
Ω
0.1µF
0.1µF
0.1µF
0.1µF
RGP
RGN
AD8352
AC
CD
VIP
RN
200
Ω
Figure 26. Single-Ended Schematic
40
0
1
10k
RG (Ω)
10
100
1k
35
30
25
20
15
10
5
GAIN, RL = 1kΩ
GAIN, RL = 200Ω
Figure 27. Gain vs. RG
–60
–110
FREQUENCY (MHz)
10
70
140
190
240
–70
–80
–90
–100
2V p-p OUT
1V p-p OUT
Figure 28. Single-Ended, Second-Order Harmonic Distortion (HD2) vs.
Frequency, 200 Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com