Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3376GR Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3376GR
Description  8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3376GR Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3376GR Datasheet HTML 1Page - Monolithic Power Systems MP3376GR Datasheet HTML 2Page - Monolithic Power Systems MP3376GR Datasheet HTML 3Page - Monolithic Power Systems MP3376GR Datasheet HTML 4Page - Monolithic Power Systems MP3376GR Datasheet HTML 5Page - Monolithic Power Systems MP3376GR Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV3376-R-00A – 8 CHANNELS SYNCHRONOUS BOOST WLED DRIVER WITH I2C
EV3376-R-00A Rev.1.0
www.MonolithicPower.com
2
9/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV3376-R-00A EVALUATION BOARD
(L x W x H) 7cm x 4.5cm x 0.6cm
Board Number
MPS IC Number
EV3376-R-00A
MP3376GR
EVALUATION BOARD SCHEMATIC
2
1
L1
2
1
NC
D1
NC
R5
NC
C5
C2
0
R6
NC
C3
100n
F
C4
47
R4
7
4
1
8
9
5
2
6
3
LED
0
R8
0
R15
0
R14
0
R13
0
R12
0
R11
0
R10
0
R9
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
GND
GND
LED+
NC
R7
GND
NC
C7
PGND
1
GND
1
VIN
1
SDA
1
GND
1
SCL
1
EN
1
PW M
JP1
JP2
F1
MP1
NC
2k
R1
2k
R3
GND
NC
C8
NC
D2
GND
0
R2
MP1: Optional for short Vout to GND pr
GND
GND
GND
GND
GND
VCC
1
LED1
15
LED2
14
PGND
16
LED3
13
SCL
4
OUT
18
SDA
3
EN
2
PW M
5
NC
17
A0
6
MP3376



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com