Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3376GR Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3376GR
Description  8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3376GR Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3376GR Datasheet HTML 1Page - Monolithic Power Systems MP3376GR Datasheet HTML 2Page - Monolithic Power Systems MP3376GR Datasheet HTML 3Page - Monolithic Power Systems MP3376GR Datasheet HTML 4Page - Monolithic Power Systems MP3376GR Datasheet HTML 5Page - Monolithic Power Systems MP3376GR Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV3376-R-00A – 8 CHANNELS SYNCHRONOUS BOOST WLED DRIVER WITH I2C
EV3376-R-00A Rev.1.0
www.MonolithicPower.com
3
9/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV3376-R-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
F1
0Ω
Fuse or Res
1206
muRata
RC1206JR-070RL
1
MP1
NC
PMOS
SO-8
2
C1,C6
4.7μF
Ceramic Capacitor,
50V, X7R
1210
muRata
GRM32ER71H475KA88L
1
C7
NC
Ceramic Capacitor,
50V
1210
1
C2
470nF
Ceramic Capacitor,
16V, X7R
0603
muRata
GRM188R71C474KA88D
1
C3
NC
Ceramic Capacitor,
50V
0603
1
C4
100nF
Ceramic Capacitor,
16V, X7R
0603
muRata
GRM188R71C104KA01D
2
C5,C8
NC
Ceramic Capacitor,
50V
0603
1
D1
NC
B160
SMA
1
D2
NC
SMA
1
L1
10μH
Inductor,
33mΩ,3.5A
SMD
Wurth
744314101
2
R1,R3
2.1kΩ
Resister,
2.1kΩ,
1%
0603
Yageo
RC0603FR-072K1L
10
R2,R6,
R8~R15
0Ω
Resister, 0Ω, 1%
0603
Yageo
RC0603FR-070RL
1
R4
47Ω
Resister, 47Ω, 1%
0603
Yageo
RC0603FR-0747RL
2
R5,R7
NC
Resister
0603
1
R16
100kΩ
Resister,
100kΩ,
1%
0603
Yageo
RC0603FR-07100KL
1
U1
MP3376
LED
driver
with
I2C interface
QFN24
(4*4mm)
MPS
R5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com