Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3376GR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3376GR
Description  8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3376GR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3376GR Datasheet HTML 1Page - Monolithic Power Systems MP3376GR Datasheet HTML 2Page - Monolithic Power Systems MP3376GR Datasheet HTML 3Page - Monolithic Power Systems MP3376GR Datasheet HTML 4Page - Monolithic Power Systems MP3376GR Datasheet HTML 5Page - Monolithic Power Systems MP3376GR Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3376-R-00A
8-Channel, Synchronous,
Boost, WLED Driver with I
2C Interface
EV3376-R-00A Rev.1.0
www.MonolithicPower.com
1
9/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3376 is a synchronous boost converter
with 8 current channels designed to drive
WLED arrays for LCD-panel in tablet and
notebook backlighting applications.
The MP3376 uses peak-current mode and
PWM control to maintain boost converter
regulation. The MP3376 employs a standard
I2C digital interface to set operation mode,
switching frequency, full-scale current for each
channel, sync or non-sync mode, dimming
mode
and
duty,
and
various
protection
thresholds.
MP3376 features high efficiency with small on
resistance of switching MOSFET. In addition,
the synchronous rectifier saves PCB size and
total BOM cost.
The MP3376 is available in QFN24 (4mmX4mm)
package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3 – 30
V
Output Voltage
VLED
<=34.5
V
LEDs #
8 string
LED Current
ILED
MAX:50/string
mA
FEATURES
 8-Channel with Max. 50mA/Channel
 Synchronous Converter with LS-FET/HS–
FET 160m/260mΩ on Resistance
 3V to 30V Input Voltage Range
 Up to 36V Output Voltage
 Max 2.5% Current Matching
 350k / 500k / 650k / 800k / 950k / 1.2M /
1.8M
/
2.4MHz
Selectable
Switching
Frequency
 A0, A1 Pins for 4 PCS IC Selection
 0mA to 50mA Full Scale Current Set, 8-bit,
0.196mA/step
 Selectable Sync or Non-Sync Mode
 Multi-Dimming Operation Mode Including:
1. Analog Dimming Mode through External
PWM Input
2. Analog Dimming Mode through I2C
interface
3. Mix dimming Mode through External
PWM Input with 6.25% / 12.5% / 25% /
50% Transfer Point
4. Mix Dimming Mode through I2C Interface
with 6.25% / 12.5% / 25% / 50%
Transfer Point
 Customizable Default Register Values
 Linear smooth dimming with 2 / 4 / 8 / 16 / 32
/ 64 / 128us for per step-slope set
 Unused LED string auto disable during
Startup
 LED short/open, OTP, OCP, Inductor or
Diode Short Protection
o
2.5 / 5 / 7.5 / 10V LED Short Threshold
o
24 / 31 / 36V OVP Threshold
o
1.8 / 2.5A Cycle by Cycle Current Limit
 Free for Adjacent Pin Short Test
 Available in QFN24 (4mmX4mm) package
APPLICATIONS
 Tablet/Notebook
 Auto-motive Display
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3376GR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
MP3373 MPS-MP3373 Datasheet
613Kb / 7P
8 Strings, Step Up WLED Controller with External Transistor
MP3373GM MPS-MP3373GM Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
MP3373GY MPS-MP3373GY Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
MP3378 MPS-MP3378 Datasheet
1Mb / 25P
24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
More results

Similar Description - MP3376GR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Monolithic Power System...
MP3412 MPS-MP3412 Datasheet
334Kb / 12P
1.1A, 1MHz Synchronous Boost WLED Driver with Output Disconnect
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
EV3306-G-00A MPS-EV3306-G-00A Datasheet
256Kb / 6P
700kHz Synchronous Boost WLED Driver Evaluation Board
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com