Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3376GR Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3376GR
Description  8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3376GR Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3376GR Datasheet HTML 1Page - Monolithic Power Systems MP3376GR Datasheet HTML 2Page - Monolithic Power Systems MP3376GR Datasheet HTML 3Page - Monolithic Power Systems MP3376GR Datasheet HTML 4Page - Monolithic Power Systems MP3376GR Datasheet HTML 5Page - Monolithic Power Systems MP3376GR Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV3376-R-00A – 8 CHANNELS SYNCHRONOUS BOOST WLED DRIVER WITH I2C
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV3376-R-00A Rev.1.0
www.MonolithicPower.com
6
9/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
Signal connection:
1. Connect the positive and negative terminals of the power supply (3V ~ 30V) to the VIN and GND
pins on the EV board, respectively.
2. Connect the positive and negative terminals of the load panel (8 strings) to the Vout and LED1~8
pins on the EV board, respectively. For unused string, it is recommended to connect the unused
LEDX pin to GND by a 0Ω resister.
3. Connect EN pin to enable signal(High level>1.5V).
4. Please connect SCL, SDA and GND of EV board to SCL, SDA and GND of a programmable kit
with I2C interface, respectively, as picture 3 shows.
5. If work in external dimming mode, please add PWM input signal to PWM terminal on the EV board.
If work in internal dimming mode, nothing is need for PWM pin or pull PWM pin to GND.
Picture 3
—I2C Connection Diagram
Power on sequence:
1. Vin power on
2. EN power on
3. Setting Register by I2C interface as
picture 4 shows: (Refer to the “GUI
user guide” in another file.)
4. PWM signal on and the LED string
should be ignited. Program the PWM
duty cycle to dim the LED current.
Picture 4
—MP3376 GUI Interface



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com