Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8126DF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8126DF
Description  550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126DF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8126DF Datasheet HTML 1Page - Monolithic Power Systems MP8126DF Datasheet HTML 2Page - Monolithic Power Systems MP8126DF Datasheet HTML 3Page - Monolithic Power Systems MP8126DF Datasheet HTML 4Page - Monolithic Power Systems MP8126DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV8126DF-00A – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
EV8126DF-00A Rev. 1.0
www.MonolithicPower.com
2
4/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV8126DF-00A BILL OF MATERIALS
Qty
Ref Des
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
10μF
Ceramic Cap, X7R, 25V
1210
muRata
GRM32DR71E106KA12
1
C2
22μF
Ceramic Cap, X7R, 25V
1210
muRata
GRM32ER71E226KE15L
3
C3, C6,
C8
0.1μF
Ceramic
Cap,
X7R,
100V
0603
muRata
GRM188R71H104KA93D
1
C4
0.22μF Ceramic Cap, X7R, 16V
0603
muRata
GRM188R71C224KA01A
1
C5
47nF
Ceramic Cap, X7R, 50V
0603
muRata
GRM188R71H473KA61D
1
C7
22nF
Ceramic Cap, X7R, 50V
0603
muRata
GRM188R71223KA01D
0
C9
NS
Do Not Stuff
0603
1
C10
470pF
Ceramic Cap, X7R, 50V
0603
muRata
GRM188R71H471KA01D
1
C11
2.2μF
Ceramic Cap, X7R, 50V
1206
muRata
GRM31CR71H225KA88L
0
C12, C13
NS
Do Not Stuff
1210
1
R1
10k
Film Res, 1%
0603
Yageo
RC0603FR-0710KL
5
R2, R3,
R6, R7,
R8
100k
Film Res, 5%
0603
Royalohm
0603J0104T5E
0
R4
NS
Do Not Stuff
0603
1
R5
4.7k
Film Res, 5%
0603
Yageo
RC0603JR-074K7L
1
D1
30V, 2A
SMA
Diodes
B230A
2
D2, D3
40V, 0.5A
SOD-123
Diodes
SDB0540
1
L1
22μH
SMD, 3A, 77.6mΩ
SMD
TOKO
D104C-919AS-220M
1
L2
1μH
SMD, 3.7A, 17mΩ
SMD
TOKO
D62LCB-#A918CY-1R0M
1
U1
TSSOP16
MPS
MP8126DF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com