Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8126DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8126DF
Description  550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8126DF Datasheet HTML 1Page - Monolithic Power Systems MP8126DF Datasheet HTML 2Page - Monolithic Power Systems MP8126DF Datasheet HTML 3Page - Monolithic Power Systems MP8126DF Datasheet HTML 4Page - Monolithic Power Systems MP8126DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV8126DF-00A
550mA, 8-14V Input, LNB Power Supply and
Control Voltage Regulator Evaluation Board
EV8126DF-00A Rev. 1.0
www.MonolithicPower.com
1
4/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV8126DF-00A is an evaluation board for
MP8126, which is LNB power supply and control
voltage regulator. The board provides efficient,
low noise power to the Satellite receiver’s RF
LNB (Low Noise Block) converter.
The board accepts the supply voltage from 8V to
14V and the load current can be up to 550mA.
The current limit can be adjustable with an
external resistor.
The board provides a number of features
described
in
the
European
EUTELSAT
specification
(DiSEqC)
including:
voltage
selection of horizontal or vertical polarization
directions of LNB and a selectable VOUT
compensation for voltage drop on the long
coaxial cable. In accordance with DiSEqC
standard, the part can detect 22kHz signal and
output it with the builtin amplitudes and rise/fall
times.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
8-14
V
Output Voltage
VOUT
19
V
Output Current
IOUT
0-0.55
A
FEATURES
 DiSEqC 1.x Compatibility
 8V to 14V Input Voltage
 Up to 550mA Output Current
 Programmable Current Limit
 1V Line Drop Compensation
 Adjustable Soft-start Time
 POK Indicator
 Short Circuit Protection
 Over Temperature Protection
APPLICATIONS
 LNB Power Supply and Control for Satellite
Set Top Boxes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
EV8126DF-00A EVALUATION BOARD
Efficiency for 19V output
60
70
80
90
100
0.01
0.1
1
IOUT(A)
(L x W x H) 2.9” x 2.9” x 0.4”
7.3cm x 7.3cm x 1cm
Board Number
MPS IC Number
EV8126DF-00A
MP8126DF


Similar Part No. - MP8126DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8126DF MPS-MP8126DF Datasheet
313Kb / 13P
550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
More results

Similar Description - MP8126DF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
LNB Supply and Control Voltage Regulator
logo
Monolithic Power System...
MP8125 MPS-MP8125 Datasheet
341Kb / 13P
550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator
logo
Allegro MicroSystems
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
LNB Supply and Control Voltage Regulator
logo
Monolithic Power System...
MP8126 MPS-MP8126 Datasheet
313Kb / 13P
550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
EV8124-D-00A MPS-EV8124-D-00A Datasheet
1,007Kb / 9P
500mA, LNB Power Supply and Control Regulator Evaluation Board
EV8125EF-00A MPS-EV8125EF-00A Datasheet
154Kb / 4P
550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com