Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8126DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8126DF
Description  550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8126DF Datasheet HTML 1Page - Monolithic Power Systems MP8126DF Datasheet HTML 2Page - Monolithic Power Systems MP8126DF Datasheet HTML 3Page - Monolithic Power Systems MP8126DF Datasheet HTML 4Page - Monolithic Power Systems MP8126DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV8126DF-00A – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
EV8126DF-00A Rev. 1.0
www.MonolithicPower.com
3
4/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 12V, VOUT = 19V, L = 22µH, TA = 25°C, unless otherwise noted.
VOUT
10V/div.
VBOOST
20V/div.
VEN
5V/div.
IOUT
500mA/div.
VOUT
10V/div.
VBOOST
20V/div.
VEN
5V/div.
IOUT
500mA/div.
IOUT
500mA/div.
IOUT
200mA/div.
VOUT
10V/div.
VBOOST
10V/div.
VSW
20V/div.
V13V/18V
5V/div.
EN Startup
IOUT=0.55A
EN Shutdown
IOUT=0.55A
13V to 18V Switch
18V to 13V Switch
22kHz Tone Signal
IOUT=0.1A
Steady State
IOUT=0.55A
VOUT
10V/div.
VBOOST
10V/div.
VSW
20V/div.
VOUT
10V/div.
VOUT(AC)
200mV/div.
VBOOST
10V/div.
VBOOST(AC)
20mV/div.
VSW
20V/div.
VEXTM
5V/div.
V13V/18V
5V/div.
IOUT
500mA/div.
VOUT(AC)
20mV/div.
VBOOST(AC)(1)
100mV/div.
VSW
20V/div.
Efficiency for 19V output
60
70
80
90
100
0.01
0.1
1
IOUT(A)
Efficiency for 14V output
60
70
80
90
100
0.01
0.1
1
IOUT(A)
Note
:
1) Before filter inductor L2
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com