Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8126DF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8126DF
Description  550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126DF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8126DF Datasheet HTML 1Page - Monolithic Power Systems MP8126DF Datasheet HTML 2Page - Monolithic Power Systems MP8126DF Datasheet HTML 3Page - Monolithic Power Systems MP8126DF Datasheet HTML 4Page - Monolithic Power Systems MP8126DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV8126DF-00A – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV8126DF-00A Rev. 1.0
www.MonolithicPower.com
5
4/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive terminal of the load to VOUT pins, and the negative terminal of the load to
GND pins.
2. Preset the power supply output to 8~14V and turn off the power supply.
3. Connect the positive terminal of the power supply output to the VIN pin and the negative
terminal of the power supply output to the GND pin.
4. Turn on the power supply. The board will automatically start up.
5. To use the Enable function, apply a logic input to the EN pin. Set EN higher than 2V to turn on
the regulator or lower than 0.8V to turn it off.
6. To generate tone signal on output, apply a logic input to the EXTM pin. Set EXTM higher than
2V to activate the function or lower than 0.8V to deactivate it.
7. The output voltage of this board is set to 19V. To adjust the output voltage, apply a logic input
on 13V/18V or LINEDROP pin. The output voltage under different conditions is shown in below
table. “High” represents a voltage higher than 2V, “Low” represents a voltage lower than 0.8V.
13V/18V
LINEDROP
VOUT
High
High
19V
High
Low
18V
Low
High
14V
Low
Low
13V
8. The current limit can be adjusted by R1 and the soft start time be adjusted by C7. For further
information, please refer to MP8126 datasheet.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com