Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3790 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3790
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3790 Datasheet(HTML) 1 Page - Linear Technology

  LT3790 Datasheet HTML 1Page - Linear Technology LT3790 Datasheet HTML 2Page - Linear Technology LT3790 Datasheet HTML 3Page - Linear Technology LT3790 Datasheet HTML 4Page - Linear Technology LT3790 Datasheet HTML 5Page - Linear Technology LT3790 Datasheet HTML 6Page - Linear Technology LT3790 Datasheet HTML 7Page - Linear Technology LT3790 Datasheet HTML 8Page - Linear Technology LT3790 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT8390A
1
8390afa
For more information www.linear.com/LT8390A
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V 2MHz Synchronous
4-Switch Buck-Boost Controller
with Spread Spectrum
TheLT®8390Aisasynchronous4-switchbuck-boostDC/DC
controller that regulates output voltage, input or output
current from an input voltage above, below, or equal to
the output voltage. The proprietary peak-buck peak-boost
current mode control scheme allows adjustable and syn-
chronizable 600kHz to 2MHz fixed frequency operation, or
internal 25% triangle spread spectrum frequency modula-
tion for low EMI. With a 4V to 60V input voltage range, 0V
to 60V output voltage capability, and seamless low noise
transitionsbetweenoperationregions,theLT8390Aisideal
for voltage regulator, battery and supercapacitor charger
applications in automotive, industrial, telecom, and even
battery-powered systems.
The LT8390A provides input or output current monitor
and power good flag. Fault protection is also provided to
detect output short-circuit condition, during which the
LT8390A retries, latches off, or keeps running.
95% Efficient 48W (12V 4A) 2MHz Buck-Boost Voltage Regulator
APPLICATIONS
n
4-Switch Single Inductor Architecture Allows VIN
Above, Below or Equal to VOUT
n
Up to 95% Efficiency at 2MHz
n
Proprietary Peak-Buck Peak-Boost Current Mode
n
Wide VIN Range: 4V to 60V
n
±1.5% Output Voltage Accuracy: 1V ≤ VOUT ≤ 60V
n
±3% Input or Output Current Accuracy with Monitor
n
Spread Spectrum Frequency Modulation for Low EMI
n
High Side PMOS Load Switch Driver
n
No Top MOSFET Refresh Noise in Buck or Boost
n
Adjustable and Synchronizable: 600kHz to 2MHz
n
VOUT Disconnected from VIN During Shutdown
n
Available in 28-Lead TSSOP with Exposed Pad and
28-Lead QFN (4mm × 5mm)
n
Automotive, Industrial, Telecom Systems
n
High Frequency Battery-Powered System
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Analog
Devices, Inc. All other trademarks are the property of their respective owners.
Efficiency vs VIN
CONTINUOUS OPERATION WITH
HIGHEST COMPONENT TEMPERATURE
BELOW 90°C (TA = 25°C)
IOUT = 4A
IOUT = 2A
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
50
60
70
80
90
100
8390a TA01b
169k
22nF
0.1µF
0.1µF
22µF
383k
4.7µF 100k
0.47µF
59.0k
2.2nF
10k
110k
10k
0.1µF
133k
100k
0.1µF
1µF
1µF
1µH
1µF
10
10
22µF
22µF
4.7µF
5m
10m
EN/UVLO
VREF
CTRL
PGOOD
BG2
BST2
TG2
INTVCC
LOADEN
FB
VOUT
ISP
ISN
SYNC/SPRD
TEST
VIN
6V TO 28V
CONTINUOUS
4V TO 56V
TRANSIENT
2MHz
63V
100V
×2
16V
×2
ISMON
PGOOD
16V
VOUT
12V
4A
LSP
LSN
SW1
SW2
BST1
TG1
BG1
VIN
LT8390A
LOADTG
ISMON
SS
VC
RT
GND
SSFM OFF
SSFM ON
16V
×2
100V
×2
INTVCC
INTVCC
INTVCC
8390a TA01a


Similar Part No. - LT3790

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
60V Four-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT3790 LINER-LT3790 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
logo
Analog Devices
LT3790 AD-LT3790 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Linear Technology
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
More results

Similar Description - LT3790

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
60V Four-Switch Synchronous Buck-Boost Controller
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
DC2431A AD-DC2431A Datasheet
661Kb / 8P
High Power Synchronous 4-Switch Buck- Boost Regulator with Spread Spectrum
LT8392 AD-LT8392 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com